Electronic Components Datasheet Search
  English  ▼

X  

BM20 Datasheet(PDF) 30 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 30 Page - Microchip Technology

Back Button BM20 Datasheet HTML 26Page - Microchip Technology BM20 Datasheet HTML 27Page - Microchip Technology BM20 Datasheet HTML 28Page - Microchip Technology BM20 Datasheet HTML 29Page - Microchip Technology BM20 Datasheet HTML 30Page - Microchip Technology BM20 Datasheet HTML 31Page - Microchip Technology BM20 Datasheet HTML 32Page - Microchip Technology BM20 Datasheet HTML 33Page - Microchip Technology BM20 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 30
Preliminary Edition
PCB dimension:
X : 15.0 mm
Y : 29.0 mm
Tolerances: 0.25 mm
FIGURE 7-2: BM23 Outline Dimension
PCB dimension:
X : 15.0 mm
Y : 29.0 mm
Tolerances: 0.25 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com