Electronic Components Datasheet Search
  English  ▼

X  

BM20 Datasheet(PDF) 9 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 9 Page - Microchip Technology

Back Button BM20 Datasheet HTML 5Page - Microchip Technology BM20 Datasheet HTML 6Page - Microchip Technology BM20 Datasheet HTML 7Page - Microchip Technology BM20 Datasheet HTML 8Page - Microchip Technology BM20 Datasheet HTML 9Page - Microchip Technology BM20 Datasheet HTML 10Page - Microchip Technology BM20 Datasheet HTML 11Page - Microchip Technology BM20 Datasheet HTML 12Page - Microchip Technology BM20 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 9
Preliminary Edition
Pin No.
I/O
Name
Description
15
P
GND
Ground
16
I
RST_N
System Reset Pin, active when rising edge.
17
--
NC
--
18
--
NC
--
19
P
VDDIO
Power output, VDDIO pin, no need to add power to this pin
20
I/O
P1_5
IO pin, default pull-high input
21
I/O
P0_1
IO pin, default pull-high input
22
P
ADAP_IN
5V power adaptor input
23
P
BAT_IN
3.3~4.2V Li-ion battery input
24
--
NC
--
25
P
SYS_PWR
System Power Output
BAT mode: 3.3~4.2V
Adapter mode: 4.0V
26
P
BK_OUT
Power output, 1v8 pin, no need to add power to this pin
27
P
MFB
1.
Power key when in off mode
2.
UART_RX_IND: MCU use to wakeup BT
28
P
LED1
LED Driver 1, 4mA max
29
P
LED2
LED Driver 2, 4mA max
30
I
P2_4
IO pin, default pull-high input
System Configuration,
L: Boot Mode with P2_0 low combination
31
I/O
P0_2
IO pin, default pull-high input
32
I/O
P0_3
IO pin, default pull-high input
33
O
HCI_TXD
HCI-UART TX data
34
I
HCI_RXD
HCI-UART RX data
35
I/O
P0_5
IO pin, default pull-high input
36
I/O
P2_7
IO pin, default pull-high input
37
I/O
P2_0
IO pin, default pull-high input
38
I/O
P3_0
IO pin, default pull-high input
39
I
P2_0
IO pin, default pull-high input
System Configuration,
H: Application L: Baseband(IBDK Mode)
40
P
GND
Ground.
41
--
NC
--
42
--
NC
--
43
--
NC
--
* I: signal input pin
* O: signal output pin
* I/O: signal input/output pin
* P: power pin
Note 1: These button or functions can be setup by “IS20XXS_UI” tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com