Electronic Components Datasheet Search
  English  ▼

X  

BM20 Datasheet(PDF) 37 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 37 Page - Microchip Technology

Back Button BM20 Datasheet HTML 33Page - Microchip Technology BM20 Datasheet HTML 34Page - Microchip Technology BM20 Datasheet HTML 35Page - Microchip Technology BM20 Datasheet HTML 36Page - Microchip Technology BM20 Datasheet HTML 37Page - Microchip Technology BM20 Datasheet HTML 38Page - Microchip Technology BM20 Datasheet HTML 39Page - Microchip Technology BM20 Datasheet HTML 40Page - Microchip Technology BM20 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 37
Preliminary Edition
A.1 United States
The module has received Federal Communications Commission (FCC) CFR47
Telecommunications, Part 15 Subpart C
“Intentional Radiators” modular approval in
accordance with Part 15.212 Modular Transmitter approval. Modular approval allows the
end user to integrate the module into a finished product without obtaining subsequent and
separate FCC approvals for intentional radiation, provided no changes or modifications are
made to the module circuitry. Changes or modifications could void the
user’s authority to
operate the equipment. The end user must comply with all of the instructions provided by
the Grantee, which indicate installation and/or operating conditions necessary for
compliance.
The finished product is required to comply with all applicable FCC equipment
authorizations regulations, requirements and equipment functions not associated with the
transmitter module portion. For example, compliance must be demonstrated to regulations
for other transmitter components within the host product; to requirements for unintentional
radiators (Part 15 Subpart B
“Unintentional Radiators”), such as digital devices, computer
peripherals, radio receivers, etc.; and to additional authorization requirements for the non
‐
transmitter functions on the transmitter module (i.e., Verification, or Declaration of
Conformity) (e.g., transmitter modules may also contain digital logic functions) as
appropriate.
A.1.1 LABELING AND USER INFORMATION REQUIREMENTS
The module has been labeled with its own FCC ID number, and if the FCC ID is not visible
when the module is installed inside another device, then the outside of the finished product
into which the module is installed must also display a label referring to the enclosed module.
This exterior label can use wording as follows:
Contains Transmitter Module FCC ID:
A8TBM23SPKXYC2A or
Contains FCC ID: A8TBM23SPKXYC2A
This device complies with Part 15 of the FCC Rules. Operation
is subject to the following two conditions: (1) this device may
not cause harmful interference, and (2) this device must accept
any interference received, including interference that may
cause undesired operation
A
user’s manual for the finished product should include the following statement:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com