Electronic Components Datasheet Search
  English  ▼

X  

BM20 Datasheet(PDF) 7 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 7 Page - Microchip Technology

Back Button BM20 Datasheet HTML 3Page - Microchip Technology BM20 Datasheet HTML 4Page - Microchip Technology BM20 Datasheet HTML 5Page - Microchip Technology BM20 Datasheet HTML 6Page - Microchip Technology BM20 Datasheet HTML 7Page - Microchip Technology BM20 Datasheet HTML 8Page - Microchip Technology BM20 Datasheet HTML 9Page - Microchip Technology BM20 Datasheet HTML 10Page - Microchip Technology BM20 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 7
Preliminary Edition
Pin No.
Pin type
Name
Description
36
I
P2_4
IO pin, default pull-high input
System Configuration,
L: Boot Mode with P2_0 low combination
37
P
GND
Ground Pin
38
-
NC
No Connection
39
-
NC
No Connection
40
-
NC
No Connection
* I: signal input pin
* O: signal output pin
* I/O: signal input/output pin
* P: power pin
Note 1: These button or functions can be setup by “IS20XXS_UI” tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com