Electronic Components Datasheet Search
  English  ▼

X  

BM20 Datasheet(PDF) 15 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 15 Page - Microchip Technology

Back Button BM20 Datasheet HTML 11Page - Microchip Technology BM20 Datasheet HTML 12Page - Microchip Technology BM20 Datasheet HTML 13Page - Microchip Technology BM20 Datasheet HTML 14Page - Microchip Technology BM20 Datasheet HTML 15Page - Microchip Technology BM20 Datasheet HTML 16Page - Microchip Technology BM20 Datasheet HTML 17Page - Microchip Technology BM20 Datasheet HTML 18Page - Microchip Technology BM20 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 15
Preliminary Edition
2.2 I
2S Signal Application for BM23
BM23 support I
2S digital audio signal interface to connect your external CODEC/DSP. It provide 8k
Hz, 44.1k Hz and 48k Hz sampling rate; it also support 16 bits and 24bits data format. The I
2S setting
can be set up by UI and DSP tools.
.
The external CODEC/DSP needs to be connected to SLK0, RFS0, TFS0, DR0, and DT0 (pins 4, 2, 3,
5, and 6 respectively). The I
2S signal connection between BM23 and external DSP as below:
FIGURE 2-9: MASTER MODE REFERENCE CONNECTION
FIGURE 2-10: SLAVE MODE REFERENCE CONNECTION
Note 1: For 002 version chip or module, system should connect line 1 in slave mode figure.
And, system not support ADC signal from external DSP/CODEC.
Note 2: For other version chip or module, system should connect line 2 in slave mode figure.
About
“Mast” or “Slave” mode setting, you can use “DSP Configuration Tool” to set up system.
BM23
RFS0
TFS0
DR0
SCLK0
DACLRC
BCLK
ADCDAT
DACDAT
DT0
EXTERNAL
DSP/CODEC
BM23
RFS0
TFS0
DR0
SCLK0
DACLRC
BCLK
ADCDAT
DACDAT
DT0
EXTERNAL
DSP/CODEC
(*1)
(*2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com