Electronic Components Datasheet Search
  English  ▼

X  

BM20 Datasheet(PDF) 41 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 41 Page - Microchip Technology

Back Button BM20 Datasheet HTML 37Page - Microchip Technology BM20 Datasheet HTML 38Page - Microchip Technology BM20 Datasheet HTML 39Page - Microchip Technology BM20 Datasheet HTML 40Page - Microchip Technology BM20 Datasheet HTML 41Page - Microchip Technology BM20 Datasheet HTML 42Page - Microchip Technology BM20 Datasheet HTML 43Page - Microchip Technology BM20 Datasheet HTML 44Page - Microchip Technology BM20 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 41
Preliminary Edition
A.3 Europe
The BM23 module is an R&TTE Directive assessed radio module that is CE marked
and has been manufactured and tested with the intention of being integrated into a
final product.
The BM23 module has been tested to R&TTE Directive 1999/5/EC Essential
Requirements for Health and Safety (Article (3.1(a)), Electromagnetic Compatibility (EMC)
(Article 3.1(b)), and Radio (Article 3.2) and are summarized in Table 3‐1: European
Compliance Testing. A Notified Body Opinion has also been issued.
The R&TTE Compliance Association provides guidance on modular devices in
document Technical Guidance Note 01 available at
http://www.rtteca.com/html/download_area.htm.
Note: To maintain conformance to the testing listed in Table A.3‐1: European Compliance Testing,
the module shall be installed in accordance with the installation instructions in this data sheet and
shall not be modified.
When integrating a radio module into a completed product the integrator becomes the
manufacturerof the final product and is therefore responsible for demonstrating
compliance of the final product with the essential requirements of the R&TTE Directive.
A.3.1 ABELING AND USER INFORMATION REQUIREMENTS
The label on the final product which contains the BM23 module must follow CE
marking requirements. The R&TTE Compliance Association Technical Guidance Note 01
provides guidance on final product CE marking.
A.3.2 ANTENNA REQUIREMENTS
From R&TTE Compliance Association document Technical Guidance Note 01:
Provided the integrator installing an assessed radio module with an integral or
specific antenna and installed in conformance with the radio module
manufacturer’s installation instructions requires no further evaluation under
Article 3.2 of the R&TTE Directive and does not require further involvement of an
R&TTE Directive Notified Body for the final product. [Section 2.2.4]
The European Compliance Testing listed in Table 3‐1 was performed using the integral
ceramic chip antenna.
TABLE A .3‐1: EUROPEAN COMPLIANCE TESTING
Certificatio
n
Standards
Article
Laboratory
Report Number
Date
Safety
EN60950‐
1:2006+A11:2009+A1:2010
(3.1(a))
Health
EN 50371:2002‐03
EMC
EN 301 489‐1 V1.8.1 (2008‐04)
(3.1(b))
EN 301 489‐17 V2.1.1 (2009‐05)
Radio
EN 300 328 V1.7.1 (2006‐10)
(3.2)
Notified
Body
Opinion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com