Electronic Components Datasheet Search
  English  ▼

X  

BM20 Datasheet(PDF) 20 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 20 Page - Microchip Technology

Back Button BM20 Datasheet HTML 16Page - Microchip Technology BM20 Datasheet HTML 17Page - Microchip Technology BM20 Datasheet HTML 18Page - Microchip Technology BM20 Datasheet HTML 19Page - Microchip Technology BM20 Datasheet HTML 20Page - Microchip Technology BM20 Datasheet HTML 21Page - Microchip Technology BM20 Datasheet HTML 22Page - Microchip Technology BM20 Datasheet HTML 23Page - Microchip Technology BM20 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 20
Preliminary Edition
Table 3-6: AUDIO CODEC ANALOGUE TO DIGITAL CONVERTER
T= 25
oC, V
dd=3.0V, 1KHz sine wave input, Bandwidth = 20Hz~20KHz
Parameter (Condition)
Min.
Typ.
Max.
Unit
Resolution
16
Bits
Output Sample Rate
8
48
KHz
Signal to Noise Ratio Note: 1
(SNR @MIC or Line-in mode)
88
dB
Digital Gain
-54
4.85
dB
Digital Gain Resolution
2~6
dB
MIC Boost Gain
20
dB
Analog Gain
60
dB
Analog Gain Resolution
2.0
dB
Input full-scale at maximum gain (differential)
4
mV
rms
Input full-scale at minimum gain (differential)
800
mV
rms
3dB bandwidth
20
KHz
Microphone mode (input impedance)
24
KΩ
THD+N (microphone input) @30mVrms input
0.02
%
Note:
(1) fin=1KHz, B/W=20~20KHz, A-weighted, THD+N < 1%, 150mVpp input
(2) These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com