Electronic Components Datasheet Search
  English  ▼

X  

BM20 Datasheet(PDF) 33 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 33 Page - Microchip Technology

Back Button BM20 Datasheet HTML 29Page - Microchip Technology BM20 Datasheet HTML 30Page - Microchip Technology BM20 Datasheet HTML 31Page - Microchip Technology BM20 Datasheet HTML 32Page - Microchip Technology BM20 Datasheet HTML 33Page - Microchip Technology BM20 Datasheet HTML 34Page - Microchip Technology BM20 Datasheet HTML 35Page - Microchip Technology BM20 Datasheet HTML 36Page - Microchip Technology BM20 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 33
Preliminary Edition
7.2 REFLOW PROFILE
FIGURE 7-5: REFLOW PROFILE
SolderingRecommendations
Stereo module was assembled using standard lead‐free reflow profile IPC/JEDEC J‐STD‐020. The
module can be soldered to the main PCB using standard leaded and lead‐free solder reflow
profiles. To avoid damaging of the module, the recommendations are listed as follows:
•
Refer to Microchip Technology Application Note AN233 Solder Reflow
Recommendation (DS00233) for the soldering reflow recommendations
•
Do not exceed peak temperature (TP) of 250 degree C
Slope: 1~2℃/sec max.
(217℃ to peak)
Ramp down rate :
Max. 3℃/sec.
Preheat: 150~200℃
25℃
217℃
peak: 260 +5/-0℃
60 ~ 180 sec.
60 ~150sec
20~40 sec.
Time (sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com