Electronic Components Datasheet Search
  English  ▼

X  

AD9121 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9121
Description  TxDAC Digital-to-Analog Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9121 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9121 Datasheet HTML 35Page - Analog Devices AD9121 Datasheet HTML 36Page - Analog Devices AD9121 Datasheet HTML 37Page - Analog Devices AD9121 Datasheet HTML 38Page - Analog Devices AD9121 Datasheet HTML 39Page - Analog Devices AD9121 Datasheet HTML 40Page - Analog Devices AD9121 Datasheet HTML 41Page - Analog Devices AD9121 Datasheet HTML 42Page - Analog Devices AD9121 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
AD9121
Data Sheet
Rev. B | Page 38 of 60
Table 17 summarizes the HB2 and HB3 modes.
Table 17. HB2 and HB3 Filter Modes
Mode
fCENTER
fMOD
Input Data
0
DC
None
Real or complex
1
fIN/4
None
Complex
2
fIN/2
None
Complex
3
3fIN/4
None
Complex
4
fIN
fIN
Real or complex
5
5fIN/4
fIN
Complex
6
3fIN/2
fIN
Complex
7
7fIN/4
fIN
Complex
Figure 54 shows the pass-band filter response for HB2. In most
applications, the usable bandwidth of the filter is limited by the
image suppression provided by the stop-band rejection and not
by the pass-band flatness. Table 18 shows the pass-band flatness
and stop-band rejection supported by the HB2 filter at different
bandwidths.
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
0
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
FREQUENCY (×
fIN2) (Hz)
Figure 54. Pass-Band Detail of HB2
Table 18. HB2 Pass-Band and Stop-Band Performance by
Bandwidth
Bandwidth (% of fIN2)
Pass-Band
Flatness (dB)
Stop-Band
Rejection (dB)
50
0.001
85
50.8
0.0012
80
52.8
0.0028
70
56
0.0089
60
60
0.0287
50
64.8
0.1877
40
Half-Band Filter3(HB3)
HB3 has eight modes of operation that function the same as
HB2. The primary difference between HB2 and HB3 is the
filter bandwidths.
Figure 55 shows the pass-band filter response for HB3. In most
applications, the usable bandwidth of the filter is limited by the
image suppression provided by the stop-band rejection and not
by the pass-band flatness. Table 19 shows the pass-band flatness
and stop-band rejection supported by the HB3 filter at different
bandwidths.
0.02
–0.10
–0.08
–0.06
–0.04
–0.02
0
0
0.28
0.24
0.20
0.16
0.12
0.08
0.04
FREQUENCY (×
fIN3) (Hz)
Figure 55. Pass-Band Detail of HB3
Table 19. HB3 Pass-Band and Stop-Band Performance by
Bandwidth
Bandwidth (% of fIN3)
Pass-Band
Flatness (dB)
Stop-Band
Rejection (dB)
40
0.001
85
40.8
0.0014
80
42.4
0.002
70
45.6
0.0093
60
49.8
0.03
50
55.6
0.1
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com