Electronic Components Datasheet Search
  English  ▼

X  

AD9121 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9121
Description  TxDAC Digital-to-Analog Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9121 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9121 Datasheet HTML 15Page - Analog Devices AD9121 Datasheet HTML 16Page - Analog Devices AD9121 Datasheet HTML 17Page - Analog Devices AD9121 Datasheet HTML 18Page - Analog Devices AD9121 Datasheet HTML 19Page - Analog Devices AD9121 Datasheet HTML 20Page - Analog Devices AD9121 Datasheet HTML 21Page - Analog Devices AD9121 Datasheet HTML 22Page - Analog Devices AD9121 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
AD9121
Data Sheet
Rev. B | Page 18 of 60
THEORY OF OPERATION
The AD9121 combines manyfeatures that make it a very attractive
DAC for wired and wireless communications systems. The dual
digital signal path and dual DAC structure allowan easy interface
to common quadrature modulators when designing single side-
band (SSB) transmitters. The speed and performance of the
AD9121 allow wider bandwidths and more carriers to be syn-
thesized than in previously available DACs. In addition, the
AD9121 includes an innovative low power, 32-bit, complex
NCO that greatly increases the ease of frequency placement.
The AD9121 offers features that allow simplified synchroniza-
tion with incoming data and between multiple devices. Auxiliary
DACs are also provided on chip. The auxiliary DACs can be used
for output dc offset compensation (for LO compensation in SSB
transmitters) and for gain matching (for image rejection optimiza-
tion in SSB transmitters).
SERIAL PORT OPERATION
The serial port is a flexible, synchronous serial communications
port that allows easy interfacing to many industry-standard micro-
controllers and microprocessors. The serial I/O is compatible
with most synchronous transfer formats, including both the
Motorola SPI and Intel® SSR protocols. The interface allows
read/write access to all registers that configure the AD9121.
Single-byte or multiple-byte transfers are supported, as well as
MSB first or LSB first transfer formats. The serial port interface
can be configured as a single-pin I/O (SDIO) or as two unidi-
rectional pins for input and output (SDIO and SDO).
52
SCLK
51
SDIO
50
SDO
53
CS
SPI
PORT
Figure 37. Serial Port Interface Pins
A communication cycle with the AD9121 has two phases.
Phase 1 is the instruction cycle (the writing of an instruction
byte into the device), coincident with the first eight SCLK rising
edges. The instruction byte provides the serial port controller
with information regarding the data transfer cycle—Phase 2 of
the communication cycle. The Phase 1 instruction byte defines
whether the upcoming data transfer is a read or write, along with
the starting register address for the first byte of the data transfer.
The first eight SCLK rising edges of each communication cycle
are used to write the instruction byte into the device.
A logic high on the CS pin followed by a logic low resets the
serial port timing to the initial state of the instruction cycle.
From this state, the next eight rising SCLK edges represent the
instruction bits of the current I/O operation.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the device and
the system controller. Phase 2 of the communication cycle is a
transfer of one or more data bytes. Registers change immediately
upon writing to the last bit of each transfer byte, except for the
frequency tuning word and NCO phase offsets, which change
only when the frequency tuning word (FTW) update bit
(Register 0x36, Bit 0) is set.
DATA FORMAT
The instruction byte contains the information shown in Table 9.
Table 9. Serial Port Instruction Byte
I7 (MSB)
I6
I5
I4
I3
I2
I1
I0 (LSB)
R/W
A6
A5
A4
A3
A2
A1
A0
R/W, Bit 7 of the instruction byte, determines whether a read
or a write data transfer occurs after the instruction byte write.
Logic 1 indicates a read operation, and Logic 0 indicates a write
operation.
A6 to A0, Bit 6 to Bit 0 of the instruction byte, determine the
register that is accessed during the data transfer portion of the
communication cycle. For multibyte transfers, A6 is the starting
byte address. The remaining register addresses are generated by
the device based on the LSB_FIRST bit (Register 0x00, Bit 6).
SERIAL PORT PIN DESCRIPTIONS
Serial Clock (SCLK)
The serial clock pin synchronizes data to and from the device
and runs the internal state machines. The maximum frequency
of SCLK is 40 MHz. All datainput is registered on the rising edge
of SCLK. All data is driven out on the falling edge of SCLK.
Chip Select (CS)
An active low input starts and gates a communication cycle.
It allows more than one device to be used on the same serial
communications lines. When the CS pin is high, the SDO and
SDIO pins go to a high impedance state. During the communica-
tion cycle, the CS pin should stay low.
Serial Data I/O (SDIO)
Data is always written into the device on this pin. However, this
pin can be used as a bidirectional data line. The configuration
of this pin is controlled by Register 0x00, Bit 7. The default is
Logic 0, configuring the SDIO pin as unidirectional.
Serial Data Output (SDO)
Data is read from this pin for protocols that use separate lines
for transmitting and receiving data. If the device operates in a
single bidirectional I/O mode, this pin does not output data and
is set to a high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com