Electronic Components Datasheet Search
  English  ▼

X  

AD9121 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9121
Description  TxDAC Digital-to-Analog Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9121 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9121 Datasheet HTML 48Page - Analog Devices AD9121 Datasheet HTML 49Page - Analog Devices AD9121 Datasheet HTML 50Page - Analog Devices AD9121 Datasheet HTML 51Page - Analog Devices AD9121 Datasheet HTML 52Page - Analog Devices AD9121 Datasheet HTML 53Page - Analog Devices AD9121 Datasheet HTML 54Page - Analog Devices AD9121 Datasheet HTML 55Page - Analog Devices AD9121 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
Data Sheet
AD9121
Rev. B | Page 51 of 60
300
250
200
150
100
50
0
0
1200
1000
800
600
400
200
fDAC (MHz)
Figure 78. DVDD18 Power Dissipation vs. f
DAC Due to Inverse Sinc Filter
300
250
200
150
100
50
0
50
300
250
200
150
100
fDATA (MHz)
1× INTERPOLATION
2×, 4×, 8× INTERPOLATION
Figure 79. DVDD18 Power Dissipation vs. f
DATA Due to Fine NCO
TEMPERATURE SENSOR
The AD9121 has a band gap temperature sensor for monitoring
the temperature change of the AD9121. The temperature must
be calibrated against a known temperature to remove the part-
to-part variation on the band gap circuit used to sense the
temperature. The DACCLK must be running at a minimum
of 100 MHz to obtain a reliable temperature measurement.
To monitor temperature change, the user must take a reading
at a known ambient temperature for a single-point calibration
of each AD9121 device.
Tx = TREF + 7.7 × (Code_x − Code_ref)/1000 + 1
where:
Code_x is the readback code at the unknown temperature, Tx.
Code_ref is the readback code at the calibrated temperature, TREF.
To use the temperature sensor, it must be enabled by setting
Register 0x01, Bit 4, to 0. In addition, to obtain accurate read-
ings, the die temperature range control register (Register 0x48)
should be set to 0x02.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com