Electronic Components Datasheet Search
  English  ▼

X  

AD9121 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9121
Description  TxDAC Digital-to-Analog Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9121 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9121 Datasheet HTML 3Page - Analog Devices AD9121 Datasheet HTML 4Page - Analog Devices AD9121 Datasheet HTML 5Page - Analog Devices AD9121 Datasheet HTML 6Page - Analog Devices AD9121 Datasheet HTML 7Page - Analog Devices AD9121 Datasheet HTML 8Page - Analog Devices AD9121 Datasheet HTML 9Page - Analog Devices AD9121 Datasheet HTML 10Page - Analog Devices AD9121 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
AD9121
Data Sheet
Rev. B | Page 6 of 60
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, IOVDD = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IFS = 20 mA, maximum sample rate, unless otherwise
noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CMOS INPUTLOGIC LEVEL
Input VIN Logic High
IOVDD = 1.8 V
1.2
V
IOVDD = 2.5 V
1.6
V
IOVDD = 3.3 V
2.0
V
Input VIN Logic Low
IOVDD = 1.8 V
0.6
V
IOVDD = 2.5 V, 3.3 V
0.8
V
CMOS OUTPUT LOGIC LEVEL
Output VOUT Logic High
IOVDD = 1.8 V
1.4
V
IOVDD = 2.5 V
1.8
V
IOVDD = 3.3 V
2.4
V
Output VOUT Logic Low
IOVDD = 1.8 V, 2.5 V, 3.3 V
0.4
V
LVDS RECEIVER INPUTS1
Applies to data, DCI, and FRAME inputs
Input Voltage Range, VIA or VIB
825
1675
mV
Input Differential Threshold, VIDTH
−100
+100
mV
Input Differential Hysteresis, VIDTHH to VIDTHL
20
mV
Receiver Differential Input Impedance, RIN
80
120
Ω
LVDS Input Rate
See Table 5
DAC CLOCK INPUT (DACCLKP, DACCLKN)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage
Self-biasedinput, ac-coupled
1.25
V
Maximum Clock Rate
1230
MHz
REFCLK INPUT (REFCLKP, REFCLKN)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage
1.25
V
REFCLK Frequency (PLL Mode)
1 GHz ≤ fVCO ≤ 2.1 GHz
15.625
600
MHz
REFCLK Frequency (SYNC Mode)
See the Multichip Synchronization section
for conditions
0
600
MHz
SERIAL PORT INTERFACE
Maximum Clock Rate (SCLK)
40
MHz
Minimum Pulse Width High (tPWH)
12.5
ns
Minimum Pulse Width Low (tPWL)
12.5
ns
Setup Time, SDIO to SCLK (tDS)
1.9
ns
Hold Time, SDIO to SCLK (tDH)
0.2
ns
Data Valid, SDO to SCLK (tDV)
2.3
ns
Setup Time, CS to SCLK (tDCSB)
1.4
ns
1 LVDS receiver is compliant with the IEEE 1596reduced range link, unless otherwisenoted.
DIGITAL INPUT DATA TIMING SPECIFICATIONS
Table 3.
Parameter
Value
Unit
LATENCY (DACCLK CYCLES)
1× Interpolation(Withor Without Modulation)
64
Cycles
2× Interpolation(Withor Without Modulation)
135
Cycles
4× Interpolation(Withor Without Modulation)
292
Cycles
8× Interpolation(Withor Without Modulation)
608
Cycles
Inverse Sinc
20
Cycles
Fine Modulation
8
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com