Electronic Components Datasheet Search
  English  ▼

X  

AD9121 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9121
Description  TxDAC Digital-to-Analog Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9121 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9121 Datasheet HTML 8Page - Analog Devices AD9121 Datasheet HTML 9Page - Analog Devices AD9121 Datasheet HTML 10Page - Analog Devices AD9121 Datasheet HTML 11Page - Analog Devices AD9121 Datasheet HTML 12Page - Analog Devices AD9121 Datasheet HTML 13Page - Analog Devices AD9121 Datasheet HTML 14Page - Analog Devices AD9121 Datasheet HTML 15Page - Analog Devices AD9121 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
Data Sheet
AD9121
Rev. B | Page 11 of 61
TYPICAL PERFORMANCE CHARACTERISTICS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
fDATA = 250MSPS, SECOND HARMONIC
fDATA = 250MSPS, THIRD HARMONIC
fDATA = 400MSPS, SECOND HARMONIC
fDATA = 400MSPS, THIRD HARMONIC
Figure 4. Harmonics vs. fOUT over fDATA, 2× Interpolation,
Digital Scale = 0 dBFS, IFS = 20 mA
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
fDATA = 100MSPS, SECOND HARMONIC
fDATA = 100MSPS, THIRD HARMONIC
fDATA = 200MSPS, SECOND HARMONIC
fDATA = 200MSPS, THIRD HARMONIC
Figure 5. Harmonics vs. fOUT over fDATA, 4× Interpolation,
Digital Scale = 0 dBFS, IFS = 20 mA
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
100
200
300
400
500
600
700
fOUT (MHz)
fDATA = 100MSPS, SECOND HARMONIC
fDATA = 100MSPS, THIRD HARMONIC
fDATA = 150MSPS, SECOND HARMONIC
fDATA = 150MSPS, THIRD HARMONIC
Figure 6. Harmonics vs. fOUT over fDATA, 8× Interpolation,
Digital Scale = 0 dBFS, IFS = 20 mA
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 7. Second Harmonic vs. fOUT over Digital Scale, 2× Interpolation,
fDATA = 400 MSPS, IFS = 20 mA
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
0dBFS
–6dBFS
–12dBFS
–18dBFS
Figure 8. Third Harmonic vs. fOUT over Digital Scale, 2× Interpolation,
fDATA = 400 MSPS, IFS = 20 mA
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
IFS = 10mA, SECOND HARMONIC
IFS = 20mA, SECOND HARMONIC
IFS = 30mA, SECOND HARMONIC
IFS = 10mA, THIRD HARMONIC
IFS = 20mA, THIRD HARMONIC
IFS = 30mA, THIRD HARMONIC
Figure 9. Harmonics vs. fOUT over IFS, 2× Interpolation,
fDATA = 400 MSPS, Digital Scale = 0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com