Electronic Components Datasheet Search
  English  ▼

X  

AD9121 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9121
Description  TxDAC Digital-to-Analog Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9121 Datasheet(HTML) 1 Page - Analog Devices

  AD9121 Datasheet HTML 1Page - Analog Devices AD9121 Datasheet HTML 2Page - Analog Devices AD9121 Datasheet HTML 3Page - Analog Devices AD9121 Datasheet HTML 4Page - Analog Devices AD9121 Datasheet HTML 5Page - Analog Devices AD9121 Datasheet HTML 6Page - Analog Devices AD9121 Datasheet HTML 7Page - Analog Devices AD9121 Datasheet HTML 8Page - Analog Devices AD9121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Dual, 14-Bit, 1230 MSPS,
TxDAC+ Digital-to-Analog Converter
Data Sheet
AD9121
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor foranyinfringementsofpatentsorother
rights of third parties that may result from its use. Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks arethe propertyoftheir respectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Flexible LVDS interface allows word or byte load
Single-carrier W-CDMA ACLR = 82 dBc at 122.88 MHz IF
Analog output: adjustable 8.7 mA to 31.7 mA,
RL = 25 Ω to 50 Ω
Integrated 2×/4×/8× interpolator/complexmodulatorallows
carrier placement anywhere in the DAC bandwidth
Gain, dc offset, and phase adjustment for sideband
suppression
Multiple chip synchronization interfaces
High performance, lownoise PLL clock multiplier
Digital inverse sinc filter
Lowpower: 1.5 W at 1.2 GSPS, 800 mW at 500 MSPS,
full operating conditions
72-lead, exposed paddle LFCSP
APPLICATIONS
Wireless infrastructure
W-CDMA, CDMA2000, TD-SCDMA, WiMAX, GSM, LTE
Digital high or low IF synthesis
Transmit diversity
Wideband communications: LMDS/MMDS, point-to-point
GENERAL DESCRIPTION
The AD9121 is a dual, 14-bit, high dynamic range digital-to-
analog converter (DAC) that provides a sample rate of 1230 MSPS,
permitting multicarrier generation up to the Nyquist frequency.
The AD9121 TxDAC+® includes features optimized for direct
conversion transmit applications, including complex digital mod-
ulation, and gain and offset compensation. The DAC outputs
are optimized to interface seamlessly with analog quadrature
modulators, such as the ADL537x F-MOD series from Analog
Devices, Inc. A 4-wire serial port interface provides for program-
ming/readback of many internal parameters. Full-scale output
current can be programmed over a range of 8.7 mA to 31.7 mA.
The AD9121 comes in a 72-lead LFCSP.
PRODUCT HIGHLIGHTS
1. Ultralow noise and intermodulation distortion (IMD)
enable high quality synthesis of wideband signals from
baseband to high intermediate frequencies (IF).
2. Proprietary DAC output switching technique enhances
dynamic performance.
3. Current outputs are easily configured for various single-
ended or differential circuit topologies.
4. Flexible LVDS digital interface allows the standard 28-wire
bus to be reduced to one-half of the width.
COMPANION PRODUCTS
IQ Modulators: ADL5370, ADL537x family
IQ Modulatorswith PLLand VCO: ADRF6701, ADRF670x family
Clock Drivers: AD9516, AD951x family
Voltage Regulator Design Tool: ADIsimPower
TYPICAL SIGNAL CHAIN
NOTES
1. AQM = ANALOG QUADRATURE MODULATOR.
COMPLEX BASEBAND
DC
COMPLEX IF
fIF
RF
LO – fIF
DIGITAL
BASEBAND
PROCESSOR
PA
I DAC
Q DAC
2
2
2/4
2/4
ANTIALIASING
FILTER
AQM
LO
SIN
COS
AD9121
Figure 1.


Similar Part No. - AD9121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
1Mb / 56P
Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
563Kb / 9P
Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
AD9122 AD-AD9122 Datasheet
707Kb / 8P
High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9122 AD-AD9122 Datasheet
2Mb / 60P
Dual, 16–Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
Rev. C
AD9122-EP AD-AD9122-EP Datasheet
232Kb / 12P
TxDAC Digital-to-Analog Converter
REV. 0
More results

Similar Description - AD9121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9148 AD-AD9148 Datasheet
851Kb / 73P
Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
AD9125 AD-AD9125 Datasheet
889Kb / 56P
Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9139 AD-AD9139 Datasheet
1Mb / 56P
16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122-EP AD-AD9122-EP Datasheet
232Kb / 12P
TxDAC Digital-to-Analog Converter
REV. 0
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
TxDAC Digital-to- Analog Converter
3/14-Rev. 0 to Rev. A
AD9146 AD-AD9146_12 Datasheet
914Kb / 56P
TxDAC Digital-to-Analog Converter
1/12-Rev. 0 to Rev. A
AD9152 AD-AD9152 Datasheet
2Mb / 103P
TxDAC Digital-to-Analog Converter
8/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com