Electronic Components Datasheet Search
  English  ▼

X  

NE680 Datasheet(PDF) 3 Page - NEC

Part # NE680
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE680 Datasheet(HTML) 3 Page - NEC

  NE680 Datasheet HTML 1Page - NEC NE680 Datasheet HTML 2Page - NEC NE680 Datasheet HTML 3Page - NEC NE680 Datasheet HTML 4Page - NEC NE680 Datasheet HTML 5Page - NEC NE680 Datasheet HTML 6Page - NEC NE680 Datasheet HTML 7Page - NEC NE680 Datasheet HTML 8Page - NEC NE680 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NE680 SERIES
MAG
|S21|2
0.1
0.2 0.3
0.5 0.7 1
2
3
5
7
10
30
25
20
15
10
5
0
1
2
3
5
7
10
20 30
50 70 100
14
13
12
11
10
9
8
7
6
5
4
3
2
VCE = 6 V
f = 2 GHz
f = 3 GHz
f = 4 GHz
Collector Current, IC (mA)
1
2
3
5
7
10
20
30
50 70 100
12
10
8
6
4
2
0
NE68033
VCE = 6 V
f = 2 GHz
NE68035
INSERTION GAIN vs.
COLLECTOR CURRENT
NE68033
INSERTION GAIN vs.
COLLECTOR CURRENT
NE68035
FORWARD INSERTION GAIN
AND MAXIMUM AVAILABLE
GAIN vs. FREQUENCY
TYPICAL PERFORMANCE CURVES (TA = 25°C)
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
20
VCEO
Collector to Emitter Voltage
V
10
VEBO
Emitter to Base Voltage
V
1.5
IC
Collector Current
mA
35
TJ
Junction Temperature
°C
1502
TSTG
Storage Temperature
°C
-65 to +150
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Maximum TJ for the NE68035 is 200°C.
DC POWER DERATING CURVES
Ambient Temperature, TA (°C)
NE68035
0
50
100
150
200
400
300
200
100
0
NE68033
NE68039
NE68019
Collector Current, IC (mA)
Frequency, f (GHz)
Frequency, f (GHz)
NE68039
FORWARD INSERTION GAIN
AND MAXIMUM AVAILABLE
GAIN vs. FREQUENCY
|S21|2
VCE = 6 V
IC = 10 mA
0.1
0.2 0.3
0.5 0.7 1
2
3
5
7 10
30
25
20
15
10
5
0
MAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com