Electronic Components Datasheet Search
  English  ▼

X  

NE680 Datasheet(PDF) 12 Page - NEC

Part # NE680
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE680 Datasheet(HTML) 12 Page - NEC

Back Button NE680 Datasheet HTML 8Page - NEC NE680 Datasheet HTML 9Page - NEC NE680 Datasheet HTML 10Page - NEC NE680 Datasheet HTML 11Page - NEC NE680 Datasheet HTML 12Page - NEC NE680 Datasheet HTML 13Page - NEC NE680 Datasheet HTML 14Page - NEC NE680 Datasheet HTML 15Page - NEC NE680 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
NE680 SERIES
Parameters
Q1
Parameters
Q1
IS
3.84e-16
MJC
0.64
BF
124.9
XCJC
0
NF
1.05
CJS
0
VAF11.9
VJS
0.75
IKF
0.027
MJS
0
ISE
1.0e-14
FC
0.5
NE
2.17
TF
8.7e-12
BR
1
XTF
18
NR
1.05
VTF
19.1
VAR
Infinity
ITF
0.082
IKR
Infinity
PTF
0
ISC
0
TR
0.635e-9
NC
2
EG
1.11
RE
0.6
XTB
0
RB
17.9
XTI
3
RBM
1.02
KF
0
IRB
4.01e-4
AF
1
RC
10.46
CJE
0.358e-12
VJE
0.71
MJE
0.5
CJC
0.162e-12
VJC
0.79
NE68018 NONLINEAR MODEL
SCHEMATIC
(1) Gummel-Poon Model
BJT NONLINEAR MODEL PARAMETERS (1)
UNITS
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
Parameters
68018
CCB
0.08e-12
CCE
0.08e-12
LB
1.38e-9
LC
2.55e-9
LE
0.85e-9
CCBPKG
0.14e-12
CCEPKG
0.58e-12
CBEPK
0.29e-12
LBX
0.18e-9
LCX
0.47e-9
LEX
0.09e-9
ADDITIONAL PARAMETERS
MODEL RANGE
Frequency:
0.05 to 5.0 GHz
Bias:
VCE = 1 V to 6 V, IC = 1 mA to 15 mA
Date:
5/31/96
Base
Emitter
Collector
LBX
LB
LEX
LE
LCX
LC
CCBPKG
CCB
CCE
CCEPKG
CBEPKG
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com