Electronic Components Datasheet Search
  English  ▼

X  

NE680 Datasheet(PDF) 4 Page - NEC

Part # NE680
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE680 Datasheet(HTML) 4 Page - NEC

  NE680 Datasheet HTML 1Page - NEC NE680 Datasheet HTML 2Page - NEC NE680 Datasheet HTML 3Page - NEC NE680 Datasheet HTML 4Page - NEC NE680 Datasheet HTML 5Page - NEC NE680 Datasheet HTML 6Page - NEC NE680 Datasheet HTML 7Page - NEC NE680 Datasheet HTML 8Page - NEC NE680 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NE680 SERIES
TYPICAL PERFORMANCE CURVES (TA = 25°C)
VCE = 6 V
f = 4 GHz
f = 2 GHz
5
4
3
2
1
0
1
2
3
5
7
10
20
Collector Current, IC (mA)
VCE = 6 V
500
300
200
100
70
50
30
20
10
1
2
3
5
7
10
20
30
50
VCE = 6 V
f = 2 GHz
1
2
3
5
7
10
20
5
4
3
2
1
0
Collector Current, IC (mA)
Collector Current, IC (mA)
NE68035
NOISE FIGURE
vs. COLLECTOR CURRENT
NE68033
NOISE FIGURE vs. COLLECTOR
CURRENT
Collector to Base Voltage, VCB (V)
NE68033
NE68035
5
3
2
1
0.7
0.5
0.3
0.2
0.1
1
2
3
5
7
10
20
30
50
COLLECTOR TO BASE CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
VCE = 6 V
10
7
5
3
2
1
1
2
3
5
7
10
20
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
FORWARD CURRENT GAIN
vs. COLLECTOR CURRENT
Collector Current, IC (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com