Electronic Components Datasheet Search
  English  ▼

X  

NE680 Datasheet(PDF) 10 Page - NEC

Part # NE680
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE680 Datasheet(HTML) 10 Page - NEC

Back Button NE680 Datasheet HTML 6Page - NEC NE680 Datasheet HTML 7Page - NEC NE680 Datasheet HTML 8Page - NEC NE680 Datasheet HTML 9Page - NEC NE680 Datasheet HTML 10Page - NEC NE680 Datasheet HTML 11Page - NEC NE680 Datasheet HTML 12Page - NEC NE680 Datasheet HTML 13Page - NEC NE680 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NE68035
VCE = 6 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
.869
-13.4
12.862
167.5
.009
83.8
.989
-5.8
0.07
31.4
500
.682
-69.0
9.959
128.3
.034
55.9
.834
-22.2
0.36
24.6
1000
.518
-111.7
6.550
100.6
.047
45.2
.706
-30.0
0.64
21.4
1500
.440
-137.9
4.709
83.9
.056
43.5
.658
-35.4
0.85
19.3
2000
.414
-156.8
3.658
70.8
.064
43.2
.642
-41.5
0.98
17.6
2500
.400
-171.6
3.004
59.6
.073
43.2
.637
-48.0
1.04
14.9
3000
.392
175.7
2.527
49.3
.083
42.8
.639
-55.0
1.08
13.1
3500
.385
164.5
2.182
39.8
.093
41.9
.646
-62.2
1.10
11.8
4000
.382
155.2
1.973
30.9
.103
40.4
.654
-69.4
1.08
11.0
4500
.376
146.2
1.733
22.3
.114
38.9
.664
-76.7
1.07
10.3
5000
.372
137.8
1.575
14.0
.126
37.0
.675
-83.7
1.03
9.9
100
.766
-23.2
20.629
162.3
.008
75.9
.972
-8.0
0.16
33.9
500
.534
-96.2
12.610
115.8
.027
53.3
.746
-22.7
0.52
26.8
1000
.434
-138.0
7.284
91.5
.037
50.8
.649
-27.2
0.84
23.0
1500
.401
-160.0
5.035
77.3
.046
52.5
.625
-32.3
1.02
19.6
2000
.397
-174.9
3.852
65.7
.057
53.2
.619
-38.6
1.07
16.6
2500
.394
173.1
3.133
55.4
.068
52.7
.622
-45.5
1.09
14.8
3000
.396
162.7
2.626
45.8
.079
51.7
.627
-52.7
1.09
13.4
3500
.393
153.2
2.261
36.7
.091
50.0
.637
-60.1
1.07
12.3
4000
.394
145.2
2.000
28.2
.103
47.6
.648
-67.5
1.04
11.7
4500
.392
137.3
1.785
19.8
.115
45.3
.660
-75.0
1.01
11.3
5000
.391
129.4
1.619
11.7
.128
42.8
.672
-82.1
0.97
11.0
100
.593
-45.9
25.683
152.5
.008
73.6
.933
-9.6
0.20
35.3
500
.463
-132.6
11.309
103.7
.019
54.1
.713
-18.0
0.80
27.7
1000
.443
-163.8
6.056
83.9
.029
58.6
.672
-22.6
1.09
21.4
1500
.436
-178.8
4.124
71.6
.039
61.6
.664
-29.1
1.21
17.5
2000
.443
170.3
3.140
60.8
.051
62.0
.665
-36.5
1.20
15.2
2500
.448
160.8
2.547
50.9
.062
61.3
.670
-44.1
1.18
13.6
3000
.453
152.3
2.132
41.5
.074
60.0
.677
-52.0
1.13
12.4
3500
.454
144.1
1.832
32.5
.087
58.0
.687
-59.9
1.09
11.4
4000
.459
136.7
1.618
24.0
.099
55.4
.697
-67.8
1.03
11.1
4500
.460
129.2
1.441
15.7
.112
52.9
.708
-75.7
0.98
11.1
5000
.461
121.6
1.304
7.7
.127
50.2
.718
-83.1
0.92
10.1
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
VCE = 6 V, IC = 20 mA
VCE = 6 V, IC = 10 mA
NE680 SERIES
Coordinates in Ohms
Frequency in GHz
(VCE = 6 V, IC = 5 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S11
5 GHz
S22
5 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
0˚
10
5
.05
.10
S12
0.1 GHz
S21
0.1 GHz
S21
5 GHz
S12
5 GHz
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com