Electronic Components Datasheet Search
  English  ▼

X  

NE680 Datasheet(PDF) 17 Page - NEC

Part # NE680
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE680 Datasheet(HTML) 17 Page - NEC

Back Button NE680 Datasheet HTML 11Page - NEC NE680 Datasheet HTML 12Page - NEC NE680 Datasheet HTML 13Page - NEC NE680 Datasheet HTML 14Page - NEC NE680 Datasheet HTML 15Page - NEC NE680 Datasheet HTML 16Page - NEC NE680 Datasheet HTML 17Page - NEC NE680 Datasheet HTML 18Page - NEC NE680 Datasheet HTML 19Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
OUTLINE DIMENSIONS (Units in mm)
NE68000 (CHIP)
(Chip Thickness: 160 µm)
PACKAGE OUTLINE 18
PACKAGE OUTLINE 18
RECOMMENDED P.C.B. LAYOUT
PACKAGE OUTLINE 19
PACKAGE OUTLINE 19
RECOMMENDED P.C.B. LAYOUT
PACKAGE OUTLINE 30
RECOMMENDED P.C.B. LAYOUT
PIN CONNECTIONS
1. Collector
2. Emitter
3. Base
4. Emitter
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector
PACKAGE OUTLINE 35
(MICRO-X)
PIN CONNECTIONS
1.Collector
2. Emitter
3. Base
4. Emitter
PACKAGE OUTLINE 30
NE680 SERIES
0.13
BASE
EMITTER
30
φ
0.06
0.35
±0.01
0.35
±0.01
2.1 ± 0.2
1.25 ± 0.1
1
2
3
0.3
(LEADS 2, 3, 4)
0.3
0.9 ± 0.1
0 to 0.1
0.15
+0.10
-0.05
2.0 ± 0.2
4
0.4
+0.10
-0.05
1.3
+0.10
-0.05
0.65
0.65
0.60
0.65
1.6 ± 0.1
0.8 ± 0.1
1
2
3
0.3
+0.10
-0.05
0.2
+0.1
0
1.0
0.6
0.75 ± 0.05
0 to 0.1
0.15
+0.1
-0.05
1.6 ± 0.1
-
0.5
LEAD 3 ONLY
0.3
+0.1
-0.05
2.1 ± 0.2
1.25 ± 0.1
1
2
3
0.15
0.9 ± 0.1
0 to 0.1
0.15
+0.10
-0.05
2.0 ± 0.2
0.65
1.3
(ALL LEADS)
MARKING
3.8 MIN
0.5
±0.06
45˚
2.55
±0.2
φ2.1
0.55
1.8 MAX
+0.06
-0.04
0.1
ALL LEADS
E
C
B
E
0.6
4
0.8
3
1.7
2
1.25
1
1.3
3
2
1.0
0.5
0.6
1
0.6
1.7
3
2
1.3
0.65
0.8
1
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com