Electronic Components Datasheet Search
  English  ▼

X  

NE680 Datasheet(PDF) 9 Page - NEC

Part # NE680
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE680 Datasheet(HTML) 9 Page - NEC

Back Button NE680 Datasheet HTML 5Page - NEC NE680 Datasheet HTML 6Page - NEC NE680 Datasheet HTML 7Page - NEC NE680 Datasheet HTML 8Page - NEC NE680 Datasheet HTML 9Page - NEC NE680 Datasheet HTML 10Page - NEC NE680 Datasheet HTML 11Page - NEC NE680 Datasheet HTML 12Page - NEC NE680 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VCE = 6 V, IC = 10 mA
0.13
35.5
0.25
31.3
0.48
28.4
0.77
24.5
0.91
21.9
0.98
19.6
1.04
16.8
1.05
15.0
1.06
13.6
1.05
12.6
1.05
11.8
1.05
10.9
1.05
9.2
1.03
8.1
1.01
7.3
0.98
6.8
0.97
6.0
0.95
5.2
50
.817
-10.6
21.366
168.2
.006
85.7
.974
-5.5
100
.769
-21.7
20.130
156.0
.015
80.5
.936
-10.5
200
.628
-40.1
16.661
136.5
.024
71.6
.826
-17.6
400
.403
-60.5
11.063
113.0
.039
69.4
.679
-20.7
600
.281
-70.3
7.969
100.1
.052
70.5
.623
-21.3
800
.209
-75.2
6.153
91.4
.067
71.0
.594
-22.3
1000
.158
-77.4
4.995
84.2
.079
70.8
.582
-23.3
1200
.129
-81.3
4.190
78.8
.096
72.2
.564
-26.1
1400
.087
-81.5
3.651
74.3
.112
70.8
.551
-26.6
1600
.062
-77.2
3.247
69.3
.129
69.3
.556
-28.7
1800
.041
-71.7
2.915
64.9
.142
68.2
.555
-30.6
2000
.025
-76.9
2.655
60.6
.157
66.5
.555
-32.9
2500
.022
34.5
2.171
51.5
.192
63.8
.549
-38.7
3000
.048
59.7
1.874
43.0
.229
61.2
.542
-43.8
3500
.080
65.8
1.658
35.3
.270
58.0
.530
-50.4
4000
.126
68.2
1.514
28.0
.314
53.3
.514
-57.6
4500
.161
70.1
1.411
20.7
.357
49.4
.478
-66.2
5000
.232
68.1
1.330
13.9
.406
45.0
.426
-76.0
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
.967
-8.2
3.635
170.6
.019
81.5
.990
-4.1
400
.903
-29.4
3.254
147.9
.069
71.0
.948
-16.8
800
.732
-53.1
2.758
121.3
.116
56.2
.846
-29.0
1000
.658
-62.8
2.508
110.3
.131
51.9
.801
-33.5
1500
.478
-83.0
2.043
88.2
.154
46.9
.715
-41.4
2000
.349
-100.5
1.708
71.1
.173
46.2
.663
-47.5
2500
.242
-114.6
1.507
56.5
.194
48.6
.633
-53.4
3000
.155
-136.7
1.371
44.6
.227
50.9
.609
-59.7
VCE = 2.5 V, IC = 3 mA
100
.906
-13.9
9.367
165.4
.019
84.5
.972
-7.4
400
.704
-43.9
7.037
130.3
.058
65.0
.821
-23.5
800
.448
-64.8
4.712
103.1
.093
60.4
.670
-31.2
1000
.370
-71.3
3.960
93.7
.106
59.8
.632
-33.1
1500
.241
-80.5
2.864
76.6
.144
59.3
.582
-37.1
2000
.167
-85.7
2.263
63.0
.181
58.0
.563
-41.8
2500
.104
-81.4
1.916
51.6
.221
56.3
.552
-47.0
3000
.065
-78.4
1.700
41.6
.264
53.4
.541
-53.3
0.14
22.8
0.23
16.7
0.48
13.8
0.58
12.8
0.82
11.2
1.00
9.9
1.10
7.0
1.11
5.8
0.1
26.9
0.48
20.8
0.78
17.0
0.88
15.7
1.00
13.0
1.05
9.6
1.06
7.9
1.03
7.0
NE680 SERIES
NE68033
VCE = 2.5 V, IC = 1 mA
Coordinates in Ohms
Frequency in GHz
(VCE = 2.5 V, IC = 1 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S11
5 GHz
S22
5 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
0˚
2.5
0.1
0.2
S12
0.1 GHz
S21
5 GHz
S21
0.1 GHz
S12
5 GHz
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com