Electronic Components Datasheet Search
  English  ▼

X  

NE680 Datasheet(PDF) 5 Page - NEC

Part # NE680
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE680 Datasheet(HTML) 5 Page - NEC

  NE680 Datasheet HTML 1Page - NEC NE680 Datasheet HTML 2Page - NEC NE680 Datasheet HTML 3Page - NEC NE680 Datasheet HTML 4Page - NEC NE680 Datasheet HTML 5Page - NEC NE680 Datasheet HTML 6Page - NEC NE680 Datasheet HTML 7Page - NEC NE680 Datasheet HTML 8Page - NEC NE680 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 3 V, IC = 5mA
500
1.36
19.2
0.52
18
0.47
800
1.47
15.7
0.48
33
0.33
1000
1.55
14.0
0.46
41
0.31
1500
1.71
11.0
0.42
58
0.27
2000
1.88
9.0
0.32
75
0.22
2500
2.06
7.4
0.27
86
0.18
3000
2.29
6.0
0.22
103
0.12
VCE = 6 V, IC = 5 mA
500
1.36
19.44
0.56
16
0.50
800
1.47
15.86
0.54
30
0.36
1000
1.55
14.16
0.52
39
0.33
1500
1.71
11.15
0.48
58
0.30
2000
1.88
9.49
0.36
77
0.27
2500
2.06
7.89
0.30
88
0.23
3000
2.29
6.74
0.24
103
0.17
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 3 V, IC = 5 mA
500
1.45
20.74
0.46
22
0.41
800
1.50
17.44
0.39
44
0.32
1000
1.55
15.79
0.34
54
0.29
2000
1.90
9.96
0.24
76
0.26
3000
2.40
7.26
0.16
130
0.12
VCE = 6 V, IC = 5 mA
500
1.5
21.20
.47
21
0.44
800
1.6
17.50
.38
36
0.31
1000
1.6
15.63
.44
47
0.43
2000
2.1
10.20
.32
81
0.27
3000
2.4
7.49
.19
125
0.14
NE680 SERIES
NE68018
TYPICAL NOISE PARAMETERS (TA = 25°C)
NE68019
TYPICAL NOISE PARAMETERS (TA = 25°C)
NE68030
TYPICAL NOISE PARAMETERS (TA = 25°C)
NE68033
TYPICAL NOISE PARAMETERS (TA = 25°C)
NE68039
TYPICAL NOISE PARAMETERS (TA = 25°C)
NE68035
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 6 V, IC = 5 mA
1000
1.2
19.21
0.30
65
0.37
2000
1.7
14.49
0.20
155
0.30
4000
2.6
9.12
0.22
-128
0.33
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 2.5 V, IC = 3 mA
500
1.10
18.26
0.65
21
0.56
800
1.20
14.56
0.60
32
0.42
1000
1.27
13.26
0.52
43
0.39
1500
1.43
9.80
0.47
48
0.36
2000
1.64
7.76
0.39
53
0.32
VCE = 6 V, IC = 5 mA
500
1.35
19.25
0.60
17
0.60
1000
1.45
14.20
0.45
33
0.48
2000
1.70
9.18
0.22
42
0.45
3000
2.10
6.60
0.11
-4
0.40
4000
2.55
5.22
0.18
-63
0.47
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 2.5 V, IC = 3 mA
500
1.32
12.79
0.79
21
1.60
800
1.48
12.59
0.72
40
1.43
1000
1.58
11.35
0.69
52
1.08
1500
1.82
5.87
0.64
64
0.92
2000
2.12
3.48
0.59
78
0.75
VCE = 6 V, IC = 5 mA
1000
1.52
16.93
0.46
126
0.15
2000
1.76
10.70
0.37
-159
0.11
3000
2.25
7.56
0.36
-132
0.14
4000
2.92
5.82
0.35
-115
0.16
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 2.5 V, IC = 3 mA
500
1.14
19.29
0.54
18
0.41
800
1.21
15.55
0.47
28
0.35
1000
1.26
14.04
0.42
39
0.29
1500
1.40
10.98
0.31
55
0.25
2000
1.62
9.34
0.16
97
0.19
VCE = 6 V, IC = 5 mA
500
1.5
20.60
0.52
3
0.52
1000
1.6
15.91
0.38
29
0.40
2000
1.7
10.82
0.18
81
0.26
3000
2.1
8.49
0.17
-158
0.29
4000
2.6
7.21
0.40
-116
0.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com