Electronic Components Datasheet Search
  English  ▼

X  

BCM20705 Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 34Page - Cypress Semiconductor BCM20705 Datasheet HTML 35Page - Cypress Semiconductor BCM20705 Datasheet HTML 36Page - Cypress Semiconductor BCM20705 Datasheet HTML 37Page - Cypress Semiconductor BCM20705 Datasheet HTML 38Page - Cypress Semiconductor BCM20705 Datasheet HTML 39Page - Cypress Semiconductor BCM20705 Datasheet HTML 40Page - Cypress Semiconductor BCM20705 Datasheet HTML 41Page - Cypress Semiconductor BCM20705 Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
Crystal Oscillator
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 37
Crystal Oscillator
The BCM20705 can use an external crystal to provide a frequency reference. The recommended configuration
for the crystal oscillator, including all external components, is shown in Figure 7.
Figure 7: Recommended Oscillator Configuration
External Frequency Reference
An external frequency reference, such as VDD_RF, collectively refers to several RF power supplies generated
by a TCXO signal that may be directly connected to the crystal input pin on the BCM20705, as shown in
Figure 8. The external frequency reference input is designed to not change loading on the TCXO when the
BCM20705 is powered up or powered down.
When using the BCM20705 with the TXCO OR gate option, GPIO 6 must be driven active high or active low.
Excessive leakage current results if GPIO6 is allowed to float.
Figure 8: Recommended TCXO Connection
0 ~18 pF*
0 ~18 pF*
XIN
XOUT
Crystal
Oscillator
*Capacitor value range depends
on the manufacturer of the XTAL
as well as board layout.
No Connection
TCXO
XIN
XOUT
10–1000 pF*
* Recommended value is 100 pF.
Higher values produce a longer startup time.
Lower values have greater isolation.
Larger values help small signal swings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com