Electronic Components Datasheet Search
  English  ▼

X  

BCM20705 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 3Page - Cypress Semiconductor BCM20705 Datasheet HTML 4Page - Cypress Semiconductor BCM20705 Datasheet HTML 5Page - Cypress Semiconductor BCM20705 Datasheet HTML 6Page - Cypress Semiconductor BCM20705 Datasheet HTML 7Page - Cypress Semiconductor BCM20705 Datasheet HTML 8Page - Cypress Semiconductor BCM20705 Datasheet HTML 9Page - Cypress Semiconductor BCM20705 Datasheet HTML 10Page - Cypress Semiconductor BCM20705 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
List of Figures
BCM20705 Data Sheet
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 6
BROADCOM CONFIDENTIAL
List of Figures
Figure 1: System Block Diagram ....................................................................................................................... 1
Figure 2: Functional Block Diagram................................................................................................................. 11
Figure 3: PC Product Usage Model ................................................................................................................. 12
Figure 4: LDO Functional Block Diagram ........................................................................................................ 15
Figure 5: PCM Interface with Linear PCM Codec ............................................................................................ 28
Figure 6: USB Compounded Device Configuration ......................................................................................... 31
Figure 7: Recommended Oscillator Configuration ........................................................................................... 37
Figure 8: Recommended TCXO Connection ................................................................................................... 37
Figure 9: 4.5 x 4 x 0.8 mm (WFBGA) Array ..................................................................................................... 43
Figure 10: Startup Timing from Power-on Reset ............................................................................................. 55
Figure 11: USB Full-Speed Timing .................................................................................................................. 56
Figure 12: UART Timing .................................................................................................................................. 57
Figure 13: PCM Interface Timing (Short Frame Synchronization, Master Mode) ............................................ 58
Figure 14: PCM Interface Timing (Short Frame Synchronization, Slave Mode) .............................................. 59
Figure 15: PCM Interface Timing (Long Frame Synchronization, Master Mode)............................................. 60
Figure 16: PCM Interface Timing (Long Frame Synchronization, Slave Mode)............................................... 61
Figure 17: BSC Interface Timing Diagram ....................................................................................................... 62
Figure 18: 50-Ball WFBGA Mechanical Drawing ............................................................................................. 63
Figure 19: Reel, Labeling, and Packing Specification...................................................................................... 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com