Electronic Components Datasheet Search
  English  ▼

X  

BCM20705 Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 53Page - Cypress Semiconductor BCM20705 Datasheet HTML 54Page - Cypress Semiconductor BCM20705 Datasheet HTML 55Page - Cypress Semiconductor BCM20705 Datasheet HTML 56Page - Cypress Semiconductor BCM20705 Datasheet HTML 57Page - Cypress Semiconductor BCM20705 Datasheet HTML 58Page - Cypress Semiconductor BCM20705 Datasheet HTML 59Page - Cypress Semiconductor BCM20705 Datasheet HTML 60Page - Cypress Semiconductor BCM20705 Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
Timing and AC Characteristics
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 56
USB Full-Speed Timing
Table 20 through Table 25 shows timing specifications for VDD_USB = 3.3V, VSS = 0V, and TA = 0 to 85oC
operating temperature range.
Figure 11: USB Full-Speed Timing
Table 20: USB Full-Speed Timing Specifications
Reference
Characteristics
Minimum
Maximum
Unit
1
Transition rise time
4
20
ns
2
Transition fall time
4
20
ns
3
Rise/fall timing matching
90
111
%
4
Full-speed data rate
12 – 0.25% 12 + 0.25% Mb/s
D+
D-
V
CRS
90%
90%
10%
10%
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com