Electronic Components Datasheet Search
  English  ▼

X  

BCM20705 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 16Page - Cypress Semiconductor BCM20705 Datasheet HTML 17Page - Cypress Semiconductor BCM20705 Datasheet HTML 18Page - Cypress Semiconductor BCM20705 Datasheet HTML 19Page - Cypress Semiconductor BCM20705 Datasheet HTML 20Page - Cypress Semiconductor BCM20705 Datasheet HTML 21Page - Cypress Semiconductor BCM20705 Datasheet HTML 22Page - Cypress Semiconductor BCM20705 Datasheet HTML 23Page - Cypress Semiconductor BCM20705 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
Power Management Unit
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 19
Power Management Unit
The Power Management Unit (PMU) provides power management features that can be invoked through power
management registers or packet handling in the baseband core. This section contains descriptions of the PMU
features.
RF Power Management
The BBC generates power-down control signals for the transmit path, receive path, PLL, and power amplifier to
the 2.4 GHz transceiver. The transceiver then processes the power-down functions, accordingly.
Host Controller Power Management
The host can place the device in a sleep state, in which all nonessential blocks are powered off and all
nonessential clocks are disabled. Power to the digital core is maintained so that the state of the registers and
RAM is not lost. In addition, the LPO clock is applied to the internal sleep controller so that the chip can wake
automatically at a specified time or based on signaling from the host. The goal is to limit the current consumption
to a minimum, while maintaining the ability to wake up and resume a connection with minimal latency.
If a scan or sniff session is enabled while the device is in Sleep mode, the device automatically will wake up for
the scan/sniff event, then go back to sleep when the event is done. In this case, the device uses its internal LPO-
based timers to trigger the periodic wake up. While in Sleep mode, the transports are idle. However, the host
can signal the device to wake up at any time. If signaled to wake up while a scan or sniff session is in progress,
the session continues but the device will not sleep between scan/sniff events. Once Sleep mode is enabled, the
wake signaling mechanism can also be thought of as a sleep signaling mechanism, since removing the wake
status will often cause the device to sleep.
In addition to a Bluetooth device wake signaling mechanism, there is a host wake signaling mechanism. This
feature provides a way for the Bluetooth device to wake up a host that is in a reduced power state.
There are two mechanisms for the device and the host to signal wake status to each other:
When running in SPI mode, the BCM20705 has a mode where it enters Sleep mode when there is no activity
on the SPI interface for a specified (programmable) amount of time. Idle mode is detected when the SPI_CSN
is left deasserted. Whether to sleep on an idle interface and the amount of time to wait before entering Sleep
mode can be programed by the host. Once the BCM20705 enters sleep, the host can wake it by asserting
SPI_CSN. If the host decides to sleep, the BCM20705 will wake up the host by asserting SPI_INT when it has
data for it.
USB
When running in USB mode, the device supports the USB version
2.0 full-speed specification, suspend/resume signaling, as well as
remote wake-up signaling for power control.
Bluetooth WAKE (BT_WAKE) and
Host WAKE (and HOST_WAKE)
signaling
The BT_WAKE pin (GPIO_0) allows the host to wake the BT device,
and HOST_WAKE (GPIO_1) is an output that allows the BT device
to wake the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com