Electronic Components Datasheet Search
  English  ▼

X  

BCM20705 Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 51Page - Cypress Semiconductor BCM20705 Datasheet HTML 52Page - Cypress Semiconductor BCM20705 Datasheet HTML 53Page - Cypress Semiconductor BCM20705 Datasheet HTML 54Page - Cypress Semiconductor BCM20705 Datasheet HTML 55Page - Cypress Semiconductor BCM20705 Datasheet HTML 56Page - Cypress Semiconductor BCM20705 Datasheet HTML 57Page - Cypress Semiconductor BCM20705 Datasheet HTML 58Page - Cypress Semiconductor BCM20705 Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
Timing and AC Characteristics
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 54
Timing and AC Characteristics
In this section, use the numbers listed in the reference column to interpret the timing diagrams.
Startup Timing
There are two basic startup scenarios. In one scenario, the chip startup and firmware boot is held off while the
RST_N pin is asserted. In the second scenario, the chip startup and firmware boot is directly triggered by the
chip power-up. In this case, an internal power-on reset (POR) is held for a few ms, after which the chip
commences startup.
The global reset signal in the BCM20705 is a logical OR (actually a wired AND, since the signals are active low)
of the RST_N input and the internal POR signals. The last signal to be released determines the time at which
the chip is released from reset. The POR is typically asserted for 3 ms after VDDC crosses the 0.8V threshold,
but it may be as soon as 1.5 ms after this event.
After the chip is released from reset, both startup scenarios follow the same sequence, as follows:
1.
For the BCM20705A1KWFBG parts: after approximately 120 μs, the CLK_REQ (GPIO_5) signal is asserted
(not available on BCM20705B0KWFBG parts).
2.
The chip remains in sleep state for a minimum of 4.2 ms.
3.
If present, the crystal (or TCXO) and LPO clocks must be oscillating by the end of the 4.2 ms period.
If a TCXO clock is not in the system, a crystal is assumed to be present at the XIN and XOUT pins. If an LPO
clock is not used, the firmware will detect the absence of a clock at the LPO_IN lead and use the internal LPO
clock instead.
The following two figures illustrate two startup timing scenarios.
Note:
The GPIO5 (CLK_REQ) waveform does not apply to the BCM20705B0KWFBG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com