Electronic Components Datasheet Search
  English  ▼

X  

BCM20705 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 28Page - Cypress Semiconductor BCM20705 Datasheet HTML 29Page - Cypress Semiconductor BCM20705 Datasheet HTML 30Page - Cypress Semiconductor BCM20705 Datasheet HTML 31Page - Cypress Semiconductor BCM20705 Datasheet HTML 32Page - Cypress Semiconductor BCM20705 Datasheet HTML 33Page - Cypress Semiconductor BCM20705 Datasheet HTML 34Page - Cypress Semiconductor BCM20705 Datasheet HTML 35Page - Cypress Semiconductor BCM20705 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
USB Interface
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 31
USB Interface
Features
The following USB interface features are supported:
• USB Protocol, Revision 2.0, full-speed compliant including the hub
• Optional hub compound device with up to three device cores internal to device.
• Bus or self-power, dynamic configuration for the hub
• Global and selective suspend and resume with remote wakeup
• Bluetooth HCI
• HID, DFU, UHE (proprietary method to emulate an HID device at system boot)
• Integrated detach resistor
Operation
The BCM20705 can be configured to boot up as either a single USB peripheral or a USB hub with several USB
peripherals attached. As a single peripheral, the host detects a single USB Bluetooth device. In Hub mode, the
host detects a hub with one to three of the ports already connected to USB devices (see Figure 6).
Figure 6: USB Compounded Device Configuration
Depending on the desired hub mode configuration, the BCM20705 can boot up showing the three ports
connected to logical USB devices internal to the BCM20705—a generic Bluetooth device, a mouse, and a
keyboard. In this mode, the mouse and keyboard are emulated devices, since they connect to real HID devices
via a Bluetooth link. The Bluetooth link to these HID devices is hidden from the USB host. To the host, the mouse
and/or keyboard appear to be directly connected to the USB port. This Broadcom proprietary architecture is
called USB HID Emulation (UHE).
Note:
The USB and HCI UART interfaces cannot be used simultaneously. For designs that do not use
the USB interface, VDD_USB, HUSB_DP and HUSB_DN must be connected to ground.
USB Compounded Device
Hub Controller
USB Device 1
HID Keyboard
USB Device 2
HID Mouse
USB Device 3
Bluetooth
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com