Electronic Components Datasheet Search
  English  ▼

X  

BCM20705 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 25Page - Cypress Semiconductor BCM20705 Datasheet HTML 26Page - Cypress Semiconductor BCM20705 Datasheet HTML 27Page - Cypress Semiconductor BCM20705 Datasheet HTML 28Page - Cypress Semiconductor BCM20705 Datasheet HTML 29Page - Cypress Semiconductor BCM20705 Datasheet HTML 30Page - Cypress Semiconductor BCM20705 Datasheet HTML 31Page - Cypress Semiconductor BCM20705 Datasheet HTML 32Page - Cypress Semiconductor BCM20705 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
Peripheral Transport Unit
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 28
Se ction 5: Periph era l Tr a n sp ort Unit
This section discusses the PCM, USB, UART, and SPI peripheral interfaces. The BCM20705 has a 1040 byte
transmit and receive fifo, which is large enough to hold the entire payload of the largest EDR BT packet (3-DH5).
PCM Interface
The BCM20705 PCM interface can connect to linear PCM codec devices in master or slave mode. In master
mode, the device generates the PCM_BCLK and PCM_SYNC signals. In slave mode, these signals are
provided by another master on the PCM interface as inputs to the device.
The device supports up to three SCO or eSCO channels through the PCM interface and each channel can be
independently mapped to any available slot in a frame.
The host can adjust the PCM interface configuration using vendor-specific HCI commands or it can be setup in
the configuration file.
System Diagram
Figure 5 shows options for connecting the device to a PCM codec device as a master or a slave.
Figure 5: PCM Interface with Linear PCM Codec
PCM Interface Slave Mode
PCM Codec
(Master)
PCM_IN
PCM_BCLK
PCM_SYNC
PCM_OUT
PCM Interface Master Mode
PCM Codec
(Slave)
PCM_IN
PCM_BCLK
PCM_SYNC
PCM_OUT
PCM Interface Hybrid Mode
PCM Codec
(Hybrid)
PCM_IN
PCM_BCLK
PCM_SYNC
PCM_OUT
BCM20705
(Slave)
BCM20705
(Master)
BCM20705
(Hybrid)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com