Electronic Components Datasheet Search
  English  ▼

X  

BCM20705 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 3 Page - Cypress Semiconductor

  BCM20705 Datasheet HTML 1Page - Cypress Semiconductor BCM20705 Datasheet HTML 2Page - Cypress Semiconductor BCM20705 Datasheet HTML 3Page - Cypress Semiconductor BCM20705 Datasheet HTML 4Page - Cypress Semiconductor BCM20705 Datasheet HTML 5Page - Cypress Semiconductor BCM20705 Datasheet HTML 6Page - Cypress Semiconductor BCM20705 Datasheet HTML 7Page - Cypress Semiconductor BCM20705 Datasheet HTML 8Page - Cypress Semiconductor BCM20705 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
Broadcom®, the pulse logo, Connecting everything®, and the Connecting everything logo are among the
trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other countries and/or the
EU. Any other trademarks or trade names mentioned are the property of their respective owners.
This data sheet (including, without limitation, the Broadcom component(s) identified herein) is not designed,
intended, or certified for use in any military, nuclear, medical, mass transportation, aviation, navigations,
pollution control, hazardous substances management, or other high-risk application. BROADCOM PROVIDES
THIS DATA SHEET “AS-IS,” WITHOUT WARRANTY OF ANY KIND. BROADCOM DISCLAIMS ALL
WARRANTIES, EXPRESSED AND IMPLIED, INCLUDING, WITHOUT LIMITATION, THE IMPLIED
WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, AND NON-
INFRINGEMENT.
Broadcom Corporation
5300 California Avenue
Irvine, CA 92617
© 2014 by Broadcom Corporation
All rights reserved
Printed in the U.S.A.
Revision History
Revision
Date
Change
MCS20705-DS104-R
11/13/14
Updated:
• Bluetooth compatibility from 4.0 to 4.1
MCS20705-DS103-R
03/04/14
Updated:
• Drive strength in Table 24 on page 68
MCS20705-DS102-R
2/25/13
Updated:
• “Host Controller Power Management” on page 22
• “HCI 3-Wire Transport (UART H5)” on page 36
MCS20705-DS101-R
08/09/12
Updated:
• Table 1: “Power Control Pin Summary,” on page 32
• “Major Features” on page 18
• Section 3: “Bluetooth Baseband Core,” on page 28
• “Bluetooth 3.04.0 + EDR Features” on page 29Table 1: “Power
Control Pin Summary,” on page 32
• “BBC Power Management” on page 33
• “Serial Enhanced Coexistence Interface” on page 34
• Section 4: Microprocessor Unit, “Overview” on page 36
• Table 2: “OTP Programming Supply Voltage Requirements,” on page
39
• “TCXO Clock Request Support” on page 51
• Table 10: “BCM20702BCM20705 Signal Descriptions,” on page 57
• Table 21: “Pad I/O Characteristics,” on page 65
• “Startup Timing” on page 73
• Section 11: “Ordering Information,” on page 92
MCS20705-DS100-R
10/11/11
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com