Electronic Components Datasheet Search
  English  ▼

X  

BCM20705 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # BCM20705
Description  Single-Chip Bluetooth Transceiver and Baseband Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20705 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button BCM20705 Datasheet HTML 24Page - Cypress Semiconductor BCM20705 Datasheet HTML 25Page - Cypress Semiconductor BCM20705 Datasheet HTML 26Page - Cypress Semiconductor BCM20705 Datasheet HTML 27Page - Cypress Semiconductor BCM20705 Datasheet HTML 28Page - Cypress Semiconductor BCM20705 Datasheet HTML 29Page - Cypress Semiconductor BCM20705 Datasheet HTML 30Page - Cypress Semiconductor BCM20705 Datasheet HTML 31Page - Cypress Semiconductor BCM20705 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
One-Time Programmable Memory
BCM20705 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Bluetooth Transceiver and Baseband Processor
November 13, 2014 • MCS20705-DS104-R
Page 27
Contents
The following are typical parameters programmed into the OTP memory:
•BD_ADDR
• Software license key
• USB PID/VID
• USB bus/self-powered status
• Output power calibration
• Frequency trimming
• Initial status LED drive configuration
The OTP contents also include a static error correction table to improve yield during the programming process
as well as forward error correction codes to eliminate any long-term reliability problems. The OTP contents
associated with error correction are not visible by customers.
Programming
OTP memory programming takes place through a combination of Broadcom software integrated with the
manufacturing test software and code embedded in BCM20705 firmware.
Programming the OTP requires a 3.3V supply. The OTP programming supply comes from the VDD_USB pin.
For applications where the OTP is most useful, such as the USB transport application for the PC market, the
3.3V is already required for USB operation from the VDD_USB pin. The OTP power supply is allowed to be as
low as 1.8 V to be able to read the contents. See Table 2 for the OTP memory programming supply voltage
requirements.
The OTP is enabled by default by setting OTP_DIS to low using an internal pull-down resistor. Leave this pin
floating for a default configuration. To disable the OTP, set the OTP_DIS pin to active high. This pin can be
configured from the HW to enable or disable OTP.
Typically it won’t be necessary to disable the OTP memory, even if it is not programmed during manufacturing.
The OTP_DIS package ball only needs to be tied to high if recommended by Broadcom.
Table 2: OTP Programming Supply Voltage Requirementsa
a. The average and peak current consumptions during OTP memory programming are 20 mA and 70 mA,
respectively.
Supply
Minimumb
b. Contact your Broadcom representative for recommended minimum and maximum supply voltages.
Typical
Maximumb
Unit
VDD_USB
TBD
TBD
TBD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com