Electronic Components Datasheet Search
  English  ▼

X  

AD7738 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7738 Datasheet HTML 2Page - Analog Devices AD7738 Datasheet HTML 3Page - Analog Devices AD7738 Datasheet HTML 4Page - Analog Devices AD7738 Datasheet HTML 5Page - Analog Devices AD7738 Datasheet HTML 6Page - Analog Devices AD7738 Datasheet HTML 7Page - Analog Devices AD7738 Datasheet HTML 8Page - Analog Devices AD7738 Datasheet HTML 9Page - Analog Devices AD7738 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
REV. 0
–6–
AD7738
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7738 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25 C unless otherwise noted.)
AVDD to AGND, DVDD to DGND . . . . . . . . . –0.3 V to +7 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . . . . –5 V to +5 V
AIN, AINCOM to AGND . . . . . . . . . –0.3 V to AVDD + 0.3 V
REFIN(+), REFIN(–) to AGND . . . . . –0.3 V to AVDD + 0.3 V
MUXOUT(+) to AGND . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
MUXOUT(–) to AGND . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
ADCIN(+), ADCIN(–) to AGND . . . . –0.3 V to AVDD + 0.3 V
P1 Voltage to AGND . . . . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . . . –0.3 V to AVDD + 0.3 V
Digital Output Voltage to DGND . . . . –0.3 V to AVDD + 0.3 V
Operating Temperature Range . . . . . . . . . . –40 C to +105 C
Storage Temperature Range . . . . . . . . . . . . –65 C to +150 C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150 C
TSSOP Package, Power Dissipation . . . . . . . . . . . . . 660 mW
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . .
97.9 C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215 C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
SCLK
DIN
DOUT
CS
RDY
RESET
SERIAL
INTERFACE
CONTROL
LOGIC
AIN4
AIN5
AIN6
AIN7
MUX
AINCOM/P0
AIN0
AIN1
AIN2
AIN3
DGND
DVDD
REFERENCE
DETECT
REFIN– REFIN+
I/O PORT
SYNC/P1
CLOCK
GENERATOR
MCLKIN
MCLKOUT
MUXOUT ADCIN
AGND
AVDD
24-BIT
-
ADC
BUFFER
AD7738
CALIBRATION
CIRCUITRY
DVDD
AVDD
Figure 4. Block Diagram
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
AD7738BRU
–40 C to +105 CTSSOP 28
RU-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com