Electronic Components Datasheet Search
  English  ▼

X  

AD7738 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 3 Page - Analog Devices

  AD7738 Datasheet HTML 1Page - Analog Devices AD7738 Datasheet HTML 2Page - Analog Devices AD7738 Datasheet HTML 3Page - Analog Devices AD7738 Datasheet HTML 4Page - Analog Devices AD7738 Datasheet HTML 5Page - Analog Devices AD7738 Datasheet HTML 6Page - Analog Devices AD7738 Datasheet HTML 7Page - Analog Devices AD7738 Datasheet HTML 8Page - Analog Devices AD7738 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
REV. 0
AD7738
–3–
Parameter
Min
Typ
Max
Unit
Test Conditions/Comment
LOGIC INPUTS
SCLK, DIN,
CS, and RESET Inputs
Input Current
±1
µA
Input Current
CS
±10
µA
CS = AV
DD
–40
µA
Internal Pull-Up Resistor
Input Capacitance
4
pF
VT+
1
1.4
2
V
DVDD = 5 V
VT–
1
0.8
1.4
V
DVDD = 5 V
VT+ – VT–
1
0.3
0.85
V
DVDD = 5 V
VT+
1
0.95
2
V
DVDD = 3 V
VT–
1
0.4
1.1
V
DVDD = 3 V
VT+ – VT–
1
0.3
0.85
V
DVDD = 3 V
MCLK IN Only
Input Current
±10
µA
Input Capacitance
4
pF
VINL Input Low Voltage
0.8
V
DVDD = 5 V
VINH Input High Voltage
3.5
V
DVDD = 5 V
VINL Input Low Voltage
0.4
V
DVDD = 3 V
VINH Input High Voltage
2.5
V
DVDD = 3 V
LOGIC OUTPUTS
MCLKOUT
10, DOUT,
RDY
VOL Output Low Voltage
0.4
V
ISINK = 800
µA, DVDD = 5 V
VOH Output High Voltage
4.0
V
ISOURCE = 200
µA, DV
DD = 5 V
VOL Output Low Voltage
0.4
V
ISINK = 100
µA, DV
DD = 3 V
VOH Output High Voltage
DVDD – 0.6
V
ISOURCE = 100
µA, DV
DD = 3 V
Floating State Leakage Current
±1
µA
Floating State Leakage Capacitance
3
pF
P1 INPUT
Levels Referenced to Analog Supplies
Input Current
±10
µA
VINL Input Low Voltage
0.8
V
AVDD = 5 V
VINH Input High Voltage
3.5
V
AVDD = 5 V
P0, P1 OUTPUT
VOL Output Low Voltage
0.4
V
ISINK = 8 mA, TMAX = 70
°C, AV
DD = 5 V
0.4
V
ISINK = 5 mA, TMAX = 85
°C, AV
DD = 5 V
0.4
V
ISINK = 2.5 mA, TMAX = 105
°C, AV
DD = 5 V
VOH Output High Voltage
4.0
V
ISOURCE = 200
µA, AV
DD = 5 V
POWER REQUIREMENTS
AVDD – AGND Voltage
4.75
5.25
V
DVDD – DGND Voltage
4.75
5.25
V
2.70
3.60
V
AVDD Current (Normal Mode)
13.6
16
mA
AVDD = 5 V
AVDD Current (Internal Buffer Off )
8.5
mA
AVDD = 5 V
DVDD Current (Normal Mode)
11
2.7
3
mA
DVDD = 5 V
DVDD Current (Normal Mode)
11
1.0
1.5
mA
DVDD = 3 V
AVDD + DVDD Current (Standby Mode)
12
80
µAAV
DD = DVDD = 5 V
Power Dissipation (Normal Mode)
11
85
100
mW
Power Dissipation (Standby Mode)
12
500
µWAV
DD = DVDD = 5 V
NOTES
1Specifications are not production tested, but guaranteed by design and/or characterization data at initial product release.
2Specifications before calibration. Channel System Calibration reduces these errors to the order of the noise.
3Applies after the Zero Scale and Full-Scale calibration. The Negative Full Scale error represents the remaining error after removing the offset and gain error.
4Specifications before calibration. ADC Zero Scale Self-Calibration or Channel Zero Scale System Calibration reduces this error to the order of the noise.
5The output data span corresponds to the Nominal (Typical) Input Voltage Range. Correct operation of the ADC is guaranteed within the specified min/max.
Outside the Nominal Input Voltage Range, the OVR bit in the Channel Status register is set and the Channel Data register value depends on CLAMP bit in the
Mode register. See the register description and circuit description for more details.
6If chopping is enabled or when switching between channels, there will be a dynamic current charging the capacitance of the multiplexer, capacitance of the pins,
and any additional capacitance connected to the MUXOUT. See the circuit description for more details.
7For specified performance. Part is functional with Lower V
REF
8Dynamic current charging the sigma-delta modulator input switching capacitor.
9Outside the specified calibration range, calibration is possible but the performance may degrade.
10These logic output levels apply to the MCLK OUT output when it is loaded with a single CMOS load.
11With external MCLK, MCLKOUT disabled (CLKDIS bit set in the Mode register).
12External MCLKIN = 0 V or DV
DD, Digital Inputs = 0 V or DVDD, P0 and P1 = 0 V or AVDD.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com