Electronic Components Datasheet Search
  English  ▼

X  

AD7738 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7738 Datasheet HTML 20Page - Analog Devices AD7738 Datasheet HTML 21Page - Analog Devices AD7738 Datasheet HTML 22Page - Analog Devices AD7738 Datasheet HTML 23Page - Analog Devices AD7738 Datasheet HTML 24Page - Analog Devices AD7738 Datasheet HTML 25Page - Analog Devices AD7738 Datasheet HTML 26Page - Analog Devices AD7738 Datasheet HTML 27Page - Analog Devices AD7738 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
REV. 0
AD7738
–27–
CALIBRATION
The AD7738 provides zero-scale self-calibration, and zero and
full system calibration capability, which can effectively reduce
the offset error and gain error to the order of the noise. After
each conversion, the ADC conversion result is scaled using the
ADC Calibration Registers and the relevant Channel Calibration
registers before being written to the Data register. See the equa-
tions shown below.
For unipolar ranges:
Data = ((ADC result – ADC ZS Cal. reg.)
ADC FS reg./
200000h – Ch. ZS Cal. reg.)
Ch. FS Cal. reg./200000h
For bipolar ranges:
Data = ((ADC result – ADC ZS Cal. reg.)
ADC FS reg./
400000h + 800000h – Ch. ZS Cal. reg.)
Ch. FS Cal. reg./
200000h
Where the ADC result is in the range of 0 to FFFFFFh.
Note that the Channel ZS Calibration register has the format of
a sign bit + 22 bits Channel offset value.
It is strongly recommended that the user does not change the
ADC FS register.
To start any calibration, write the relevant mode bits to the
AD7738 Mode register. After the calibration is complete, the
contents of the corresponding Calibration registers are updated, all
RDY bits in the ADC Status register are set, the
RDY pin goes
low, and the AD7738 reverts to Idle mode.
The calibration duration is the same as conversion time configured
on the selected channel. The longer conversion time gives less
noise and yields a more exact calibration. Therefore, use at least
the default conversion time to initiate any calibration.
ADC Zero-Scale Self-Calibration
The ADC Zero-Scale Self-Calibration can effectively remove
the offset error in Chopping Disabled mode. If repeated after a
temperature change, it can also remove the offset drift error in
Chopping Disabled mode.
The zero-scale self-calibration is performed on internally shorted
ADC inputs. The negative Analog Input terminal on the selected
channel is used to set the ADC ZS Calibration common mode.
Therefore, either the negative terminal on selected differential pair
or AINCOM on single-ended channel configuration should be
driven to a proper commwon-mode voltage.
It is strongly recommended that the ADC ZS Calibration register
should only be updated as part of a zero-scale self-calibration.
Per Channel System Calibration
If the per channel system calibrations are used, these should be
initiated in the following order: first a Channel ZS System Cali-
bration followed by a Channel FS System Calibration.
The System Calibration is affected by the ADC ZS and FS Cali-
bration registers; therefore, if both Self-Calibration and System
Calibration are used in a system, an ADC Self-Calibration cycle
should be performed first followed by a System Calibration cycle.
While executing a system calibration, the fully settled system
zero-scale voltage signal or system full-scale voltage signal must
be connected to the selected channel analog inputs.
The per channel Calibration registers can be read, stored, or
modified and written back to the AD7738. Note, when writing
the Calibration registers the AD7738 must be in the idle mode.
Note that outside the specified calibration range, the calibration
is possible but the performance may degrade. (See the System
Calibration section in the specification pages of this data sheet.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com