Electronic Components Datasheet Search
  English  ▼

X  

AD7738 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7738 Datasheet HTML 8Page - Analog Devices AD7738 Datasheet HTML 9Page - Analog Devices AD7738 Datasheet HTML 10Page - Analog Devices AD7738 Datasheet HTML 11Page - Analog Devices AD7738 Datasheet HTML 12Page - Analog Devices AD7738 Datasheet HTML 13Page - Analog Devices AD7738 Datasheet HTML 14Page - Analog Devices AD7738 Datasheet HTML 15Page - Analog Devices AD7738 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
REV. 0
–12–
AD7738
Table VII. Register Summary
Addr
Dir
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
hex
Default Value
Communications
00
W
0
R/
W
6-Bit Register Address
I/O Port
01
R/W
P0
P1
P0 DIR P1 DIR
RDY FN
0
0
SYNC
P0 Pin
P1 Pin
1
1
0
0
0
0
Revision
02
R
Chip Revision Code
Chip Generic Code
xx
x
x
0
0
0
1
Test
03
R/W
24 Bits Manufacturing Test Register
ADC Status
04
R
RDY7
RDY6
RDY5
RDY4
RDY3
RDY2
RDY1
RDY0
00
0
0
0
0
00
Checksum
05
R/W
16-Bit Checksum Register
ADC ZS Calibration
06
R/W
24-Bit ADC Zero-Scale Calibration Register
800000h
ADC FS
07
R/W
24-Bit ADC Full-Scale Register
800000h
Channel Data
1
08-0F
R
16-/24-Bit Data Registers
8000h
Channel ZS Calibration
1
10–17
R/W
24-Bit Channel Zero-Scale Calibration Registers
800000h
Channel FS Calibration
1
18–1F
R/W
24-Bits Channel Full-Scale Calibration Registers
200000h
Channel Status
1
20–27
R
CH2
CH1
CH0
0/P0
RDY/P1
NOREF
SIGN
OVR
Channel Number
0
0
0
0
0
Channel Setup
1
28–2F
R/W
BUF OFF COM1 COM0
Stat. Opt. ENABLE
RNG2
RNG1
RNG0
00
0
0
0
0
00
Channel Conv. Time
1
30–37
R/W
CHOP
FW (7-Bit Filter Word)
1
11h
Mode
2
38–3F
R/W
MD2
MD1
MD0
CLKDIS
DUMP
Cont. RD
24/16 Bits CLAMP
00
0
0
0
0
00
NOTES
1The three LSBs of the register address, i.e., Bit 2, Bit 1, and Bit 0 in the Communication register, specify the channel number of the register being accessed.
2There is only one Mode register, although the Mode register can be accessed in one of eight address locations The address used to write the Mode register specifies
the ADC channel on which the mode will be applied. Address 38h only must be used for reading from the Mode register.
Table VIII. Operational Mode Summary
MD2
MD1
MD0
Mode
000
Idle Mode
001
Continuous Conversion Mode
010
Single Conversion Mode
011
Power-Down (Standby) Mode
100
ADC Zero-Scale Self Calibration
101
For Future Use
110
Channel Zero-Scale System Calibration
111
Channel Full-Scale System Calibration
Table IX. Input Range Summary
RNG2
RNG1
RNG0
Nominal Input Voltage Range
10
0
±2.5 V
10
10 V to +2.5 V
00
0
±1.25 V
00
10 V to +1.25 V
01
0
±0.625 V
01
10 V to +0.625 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com