Electronic Components Datasheet Search
  English  ▼

X  

AD7738 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7738 Datasheet HTML 14Page - Analog Devices AD7738 Datasheet HTML 15Page - Analog Devices AD7738 Datasheet HTML 16Page - Analog Devices AD7738 Datasheet HTML 17Page - Analog Devices AD7738 Datasheet HTML 18Page - Analog Devices AD7738 Datasheet HTML 19Page - Analog Devices AD7738 Datasheet HTML 20Page - Analog Devices AD7738 Datasheet HTML 21Page - Analog Devices AD7738 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
REV. 0
–18–
AD7738
Mode Register
8 Bits Read/Write Register, Address 38h–3Fh, Default Value 00h
The Mode register configures the part and determines the part’s operating mode. Writing to the Mode register will clear the ADC
Status register, set the
RDY pin to logic high level, exit all current operations, and start the mode specified by the Mode bits.
The AD7738 contains only one Mode register. The three LSBs of the address used for writing to the Mode register specify the channel
selected for operation determined by the MD2 to MD0 bits. The address 38h only must be used for reading from the Mode register.
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
MD2
MD1
MD0
CLKDIS
DUMP
CONT RD
24/16 BIT
CLAMP
Default
0
0
0
0
0
0
0
0
Bit
Mnemonic
Description
7–5
MD2–MD0
Mode Bits. These three bits determine the AD7738 operation mode. Writing a new value to the Mode
bits will exit the part from the mode in which it has been operating and place it in the new requested
mode immediately. The function of the Mode bits is described in more detail below.
4
CLKDIS
Master Clock Output Disable. When this bit is set to 1 the master clock is disabled from appearing
at the MCLKOUT pin and the MCLKOUT pin is in a high impedance state. This allows turning off the
MCLKOUT as a power saving feature. When using an external clock on MCLKIN, the AD7738
continues to have internal clocks and will convert normally regardless of CLKDIS bit state. When using
a crystal oscillator or ceramic resonator across the MCLKIN and MCLKOUT pins, the AD7738 clock is
stopped and no conversions can take place when the CLKDIS bit is active. The AD7738 digital interface
can still be accessed using the SCLK pin.
3
DUMP
DUMP Mode. When this bit is reset to 0, the Channel Status register and Channel Data register will
be addressed and read separately. When the DUMP bit is set to 1, the Channel Status register will be followed
immediately by a read of the Channel Data register regardless of whether the Status or Data register
has been addressed through the Communication register. The Continuous Read mode will always be a
“Dump Mode” reading of the Channel Status and Data register regardless of the Dump Bit value. See the
Digital Interface Description section for more details.
2
CONT RD
When this bit is set to 1, the AD7738 will operate in the Continuous Read mode. See the Digital
Interface Description section for more details.
1
24/16 BIT
The Channel Data Register Data Width Selection Bit. When set to 1, the Channel Data registers will be
24 bits wide. When set to 0, then the Channel Data registers will be 16 bits wide.
0
CLAMP
This bit determines the Channel Data register’s value when the analog input voltage is outside the nominal
input voltage range. When the CLAMP bit is set to 1, the Channel Data register will be digitally clamped
either to all zeros or all ones when the analog input voltage goes outside the nominal input voltage range.
When the CLAMP bit is reset to 0, the Data registers reflect the analog input voltage even outside the
nominal voltage range. See the Analog Inputs Extended Voltage Range section.
MD2
MD1
MD0
Mode
Address Used for Mode Register Write Specify
000
Idle Mode
001Continuous Conversion Mode
The First Channel to Start Converting
010
Single Conversion Mode
Channel to Convert
011Power Down (Standby) Mode
100
ADC Zero-Scale Self Calibration
Channel Conversion Time Used for the ADC Self-Calibration
101For Future Use
110Channel Zero-Scale System Calibration
Channel to Calibrate
111Channel Full-Scale System Calibration
Channel to Calibrate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com