Electronic Components Datasheet Search
  English  ▼

X  

AD7738 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7738 Datasheet HTML 4Page - Analog Devices AD7738 Datasheet HTML 5Page - Analog Devices AD7738 Datasheet HTML 6Page - Analog Devices AD7738 Datasheet HTML 7Page - Analog Devices AD7738 Datasheet HTML 8Page - Analog Devices AD7738 Datasheet HTML 9Page - Analog Devices AD7738 Datasheet HTML 10Page - Analog Devices AD7738 Datasheet HTML 11Page - Analog Devices AD7738 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
REV. 0
–8–
AD7738
PIN FUNCTION DESCRIPTION (continued)
Pin No.
Mnemonic
Pin Description
15
ADCIN(–)
ADC Negative Input. In normal circuit configuration, this pin should be connected to the MUXOUT– pin.
16
ADCIN(+)
ADC Positive Input. In normal circuit configuration, this pin should be connected to the MUXOUT+ pin.
21
REFIN(+)
Positive Terminal of the Differential Reference Input. REFIN+ voltage potential can lie any where between
AVDD and AGND. In normal circuit configuration, this pin should be connected to a 2.5 V reference voltage.
22
REFIN(–)
Negative Terminal of the Differential Reference Input. REFIN– voltage potential can lie any where between
AVDD and AGND. In normal circuit configuration, this pin should be connected to a 0 V reference voltage.
23
AGND
Ground Reference Point for Analog Circuitry
24
RDY
Logic Output. Used as a status output in both conversion mode and calibration mode. In conversion
mode, a falling edge on this output indicates that either any channel or all channels have unread data
available—according to the RDY function bit in the I/O Port register. In calibration mode, a falling edge
on this output indicates that calibration is complete. See more details in Digital Interface Description
section later in this data sheet.
25
DOUT
Serial Data Output with serial data being read from the output shift register on the part. This output
shift register can contain information from any AD7738 register depending on the address bits of the
Communications register.
26
DIN
Serial Data Input (Schmitt triggered) with serial data being written to the input shift register on the part.
Data from this input shift register is transferred to any AD7738 register depending on the address bits of
the Communications register.
27
DVDD
Digital Supply Voltage, 3 V or 5 V Nominal
28
DGND
Ground Reference Point for Digital Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com