Electronic Components Datasheet Search
  English  ▼

X  

AD7738 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7738 Datasheet HTML 7Page - Analog Devices AD7738 Datasheet HTML 8Page - Analog Devices AD7738 Datasheet HTML 9Page - Analog Devices AD7738 Datasheet HTML 10Page - Analog Devices AD7738 Datasheet HTML 11Page - Analog Devices AD7738 Datasheet HTML 12Page - Analog Devices AD7738 Datasheet HTML 13Page - Analog Devices AD7738 Datasheet HTML 14Page - Analog Devices AD7738 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
REV. 0
Typical Performance Characteristics–AD7738
–11–
FILTER WORD
25
16
110
2
3456789
24
20
18
17
23
22
19
21
CHOP = 1
TPC 1. No Missing Codes Performance, Chopping Enabled
FILTER WORD
25
16
110
2
3456789
24
20
18
17
23
22
19
21
CHOP = 0
TPC 2. No Missing Codes Performance, Chopping Disabled
INPUT FREQUENCY
0
–180
0
1400
200
400
600
800
1000
1200
–20
–100
–140
–160
–40
–60
–120
–80
THD = 115dB
TPC 3. Typical FFT Plot; Input Sinewave 183 Hz,
1.2 V Peak, Range
±1.25 V, Conversion Time
394
µs, Chopping Enabled
VALUE
140
0
–80
80
–60
–40
–20
0
20
40
120
40
100
80
20
60
EFFECTIVE RES. 19.9 BITS
P-P RES. 17.0 BITS
60
TPC 4. Typical Histogram; Analog Inputs Shorted;
Range
±2.5 V, Conversion Time 394 µs;
Chopping Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com