Electronic Components Datasheet Search
  English  ▼

X  

AD7738 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7738 Datasheet HTML 19Page - Analog Devices AD7738 Datasheet HTML 20Page - Analog Devices AD7738 Datasheet HTML 21Page - Analog Devices AD7738 Datasheet HTML 22Page - Analog Devices AD7738 Datasheet HTML 23Page - Analog Devices AD7738 Datasheet HTML 24Page - Analog Devices AD7738 Datasheet HTML 25Page - Analog Devices AD7738 Datasheet HTML 26Page - Analog Devices AD7738 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
REV. 0
AD7738
–23–
DIN
48h
00h
DATA
00h
DATA
00h
CH.STAT.
READ CH0
DATA REGISTER
READ
CH0
STATUS
48h
WRITE
COMM.
REGISTER
SCLK
CS
DOUT
WRITE
COMM.
REGISTER
WRITE
MODE
REGISTER
RDY
38h
00h
DATA
00h
DATA
00h
CH.STAT.
READ CH1 DATA
REGISTER
READ
CH1
STATUS
CONVERSION
ON CH0
COMPLETE
CONVERSION
ON CH1
COMPLETE
Figure 12. Continuous Conversion CH0 and CH1, Continuous Read
Continuous Read (Continuous Conversion) Mode
When the Continuous RD bit in the Mode register is set, the
first write “48h” to the communication register starts the Continu-
ous Read mode. As shown in Figure 12, subsequent accesses
to the part sequentially reads the Channel Status and Data
registers of the last completed conversion without any further
configuration of the Communication register being required.
Note that the Continuous Conversion bit in the Mode register
should be set when entering the Continuous Read mode.
Note that the Continuous Read mode is “Dump Mode” reading
of the Channel Status and Data register regardless of the Dump
bit value. Use the Channel bits in the Channel Status register to
check/recognize which channel data is actually being shifted out.
Note that the last completed conversion result is being read.
Therefore, the RDYFN bit in the I/O Port register should be 0,
and reading the result should always start before the next con-
version is completed.
The AD7738 will stay in Continuous Read mode as long as the
DIN pin is low while the
CS pin is low. Therefore, write 0 to
the AD7738 while reading in Continuous Read mode. To
exit Continuous Read mode, take the DIN pin high for at least
100 ns after a read is complete. (Write “80h” to the AD7738 to
exit continuous reading.)
The Continuous RD bit in the Mode register is not changed
by taking the DIN pin high. Therefore, the next write “48h”
starts the Continuous Read mode again. To completely stop
the continuous read mode, write to the Mode register to clear
the Continuous RD bit.
CIRCUIT DESCRIPTION
The AD7738 is a sigma-delta A/D converter, intended for the
measurement of wide dynamic range, low frequency signals in
industrial process control, instrumentation, PLC, and DSC.
It contains a multiplexer, an input buffer, a sigma-delta (or
charge-balancing) ADC, digital filter, clock oscillator, digital I/O
port, and a serial communications interface.
Analog Front End
The AD7738 has nine analog input pins connected to the
ADC through the internal multiplexer. The analog front end
can be configured as eight single-ended inputs four differen-
tial inputs, or any combination of these. Selection of ADC
inputs is determined via the COM0 and COM1 bits in
the Channel Setup registers.
The AD7738 contains a wide bandwidth, fast settling time
differential input buffer capable of driving the dynamic load of a
high speed sigma-delta modulator. With the internal buffer
enabled, the analog inputs feature relatively high input imped-
ance. However, if chopping is enabled and/or when switching
between channels, there is a dynamic current charging the
capacitance of the multiplexer, capacitance of the pins, and any
additional capacitance connected to the MUXOUT. In typical
configurations with MUXOUT connected directly to the
ADCIN, this capacitance could be approximately 20 pF. The
AD7738 has been designed to provide adequate settling time
after a multiplexer switch and before the actual sampling starts
only if the analog inputs resistive source impedance does not
exceed 10 k
Ω.
An RC connected to the analog inputs may convert the dynamic
charging currents to a dc voltage and cause additional gain or
offset errors. The recommended low-pass RC filter on the
AD7738 analog inputs is 20
Ω and 100 nF.
The multiplexer output and the ADC input are pinned out
externally. This facilitates shared signal conditioning between
the multiplexer and the ADC. Please note that if chop is enabled
and/or when switching between channels, any circuit connected
between MUXOUT and ADCIN should be fully settled within
the settling time provided by the AD7738. See the Multiplexer,
Conversion, and Data Output Timing section.
-
ADC
The AD7738 core consists of a charge balancing sigma-delta
modulator and a digital filter. The architecture is optimized for
fast fully settled conversion. This allows for fast channel-to-channel
switching while maintaining inherently excellent linearity, high
resolution, and low noise.
Chopping
With chopping enabled, the multiplexer repeatedly reverses the
ADC inputs. Every output data result is then calculated as an
average of two conversions, the first with positive and the sec-
ond with negative offset term included. This effectively removes
any offset error of the input buffer and sigma-delta modulator,
resulting in excellent dc offset and offset drift specifications.
Figure 13 shows the channel signal chain with chopping enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com