Electronic Components Datasheet Search
  English  ▼

X  

AD7738 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 1 Page - Analog Devices

  AD7738 Datasheet HTML 1Page - Analog Devices AD7738 Datasheet HTML 2Page - Analog Devices AD7738 Datasheet HTML 3Page - Analog Devices AD7738 Datasheet HTML 4Page - Analog Devices AD7738 Datasheet HTML 5Page - Analog Devices AD7738 Datasheet HTML 6Page - Analog Devices AD7738 Datasheet HTML 7Page - Analog Devices AD7738 Datasheet HTML 8Page - Analog Devices AD7738 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD7738
8-Channel, High Throughput,
24-Bit - ADC
FEATURES
High Resolution ADC
24 Bits No Missing Codes
0.0015% Nonlinearity
Optimized for Fast Channel Switching
18-Bits p-p Resolution (21 Bits Effective) at 500 Hz
16-Bits p-p Resolution (19 Bits Effective) at 8.5 kHz
15-Bits p-p Resolution (18 Bits Effective) at 15 kHz
On-Chip Per Channel System Calibration
Configurable Inputs
8 Single-Ended or 4 Fully Differential
Input Ranges
+625 mV, +1.25 V, +2.5 V,
625 mV,
1.25 V,
2.5 V
3-Wire Serial Interface
SPI™, QSPI™, MICROWIRE™ and DSP Compatible
Schmitt Trigger on Logic Inputs
Single-Supply Operation
5 V Analog Supply
3 V or 5 V Digital Supply
Package: 28-Lead TSSOP
APPLICATIONS
PLCs/DCS
Multiplexing Applications
Process Control
Industrial Instrumentation
FUNCTIONAL BLOCK DIAGRAM
SCLK
DIN
DOUT
CS
RDY
RESET
SERIAL
INTERFACE
CONTROL
LOGIC
AIN4
AIN5
AIN6
AIN7
MUX
AINCOM/P0
AIN0
AIN1
AIN2
AIN3
DGND
DVDD
REFERENCE
DETECT
REFIN– REFIN+
I/O PORT
SYNC/P1
CLOCK
GENERATOR
MCLKIN
MCLKOUT
MUXOUT ADCIN
AGND
AVDD
24-BIT
-
ADC
BUFFER
AD7738
CALIBRATION
CIRCUITRY
GENERAL DESCRIPTION
The AD7738 is a high precision, high throughput analog front
end. True 16-bit p-p resolution is achievable with a total con-
version time of 117
µs (8.5 kHz channel switching), making it
ideally suitable for high resolution multiplexing applications.
The part can be configured via a simple digital interface, which
allows users to balance the noise performance against data
throughput up to a 15.4 kHz.
The analog front end features eight single-ended or four fully
differential input channels with unipolar or bipolar 625 mV,
1.25 V, and 2.5 V input ranges and accepts a common-mode
input voltage from 200 mV above AGND to AVDD – 300 mV.
The multiplexer output is pinned out externally, allowing the
user to implement programmable gain or signal conditioning
before applying the input to the ADC.
The differential reference input features “No-Reference” detect
capability. The ADC also supports per channel system calibra-
tion options.
The digital serial interface can be configured for 3-wire opera-
tion and is compatible with microcontrollers and digital signal
processors. All interface inputs are Schmitt triggered.
The part is specified for operation over the extended industrial
temperature range of –40 C to +105 C.
Other parts in the AD7738 family are the AD7734 and the
AD7732.
The AD7734 analog front end features four single-ended input
channels with unipolar or true bipolar input ranges to
±10 V
while operating from a single 5 V analog supply. The AD7734
accepts an analog input overvoltage to
±16.5 V while not
degrading the performance of the adjacent channels.
The AD7732 is similar to AD7734, but its analog front end
features two fully differential input channels.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corporation


Similar Part No. - AD7738

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7738 AD-AD7738 Datasheet
412Kb / 28P
8-Channel, High Throughput, 24-Bit - ADC
REV. 0
AD7738 AD-AD7738 Datasheet
342Kb / 28P
8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7738 AD-AD7738 Datasheet
417Kb / 29P
8-Channel, High Throughput, 24-Bit ADC
0
AD7738BRU AD-AD7738BRU Datasheet
342Kb / 28P
8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7738BRUZ AD-AD7738BRUZ Datasheet
412Kb / 28P
8-Channel, High Throughput, 24-Bit - ADC
REV. 0
More results

Similar Description - AD7738

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
256-Channel, High-Throughput HDLC Controller
REV: 031405
logo
Analog Devices
AD7739 AD-AD7739 Datasheet
380Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
AD7738BRUZ AD-AD7738BRUZ Datasheet
412Kb / 28P
8-Channel, High Throughput, 24-Bit - ADC
REV. 0
AD7738BRUZ-REEL7 AD-AD7738BRUZ-REEL7 Datasheet
342Kb / 28P
8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7738 AD-AD7738_15 Datasheet
412Kb / 28P
8-Channel, High Throughput, 24-Bit ADC
REV. 0
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7738 AD-AD7738_17 Datasheet
417Kb / 29P
8-Channel, High Throughput, 24-Bit ADC
0
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
A
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256_V01 Datasheet
1Mb / 183P
256-Channel, High-Throughput HDLC Controller
REV: 012506
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com