Electronic Components Datasheet Search
  English  ▼

X  

16F630 Datasheet(PDF) 3 Page - Microchip Technology

Part # 16F630
Description  14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F630 Datasheet(HTML) 3 Page - Microchip Technology

  16F630 Datasheet HTML 1Page - Microchip Technology 16F630 Datasheet HTML 2Page - Microchip Technology 16F630 Datasheet HTML 3Page - Microchip Technology 16F630 Datasheet HTML 4Page - Microchip Technology 16F630 Datasheet HTML 5Page - Microchip Technology 16F630 Datasheet HTML 6Page - Microchip Technology 16F630 Datasheet HTML 7Page - Microchip Technology 16F630 Datasheet HTML 8Page - Microchip Technology 16F630 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 132 page
background image
 2003 Microchip Technology Inc.
DS40039C-page 1
PIC16F630/676
High Performance RISC CPU:
• Only 35 instructions to learn
- All single cycle instructions except branches
• Operating speed:
- DC - 20 MHz oscillator/clock input
- DC - 200 ns instruction cycle
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect, and Relative Addressing modes
Special Microcontroller Features:
• Internal and external oscillator options
- Precision Internal 4 MHz oscillator factory
calibrated to ±1%
- External Oscillator support for crystals and
resonators
-5
µs wake-up from SLEEP, 3.0V, typical
• Power saving SLEEP mode
• Wide operating voltage range - 2.0V to 5.5V
• Industrial and Extended temperature range
• Low power Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Detect (BOD)
• Watchdog Timer (WDT) with independent
oscillator for reliable operation
• Multiplexed MCLR/Input-pin
• Interrupt-on-pin change
• Individual programmable weak pull-ups
• Programmable code protection
• High Endurance FLASH/EEPROM Cell
- 100,000 write FLASH endurance
- 1,000,000 write EEPROM endurance
- FLASH/Data EEPROM Retention: > 40 years
Low Power Features:
• Standby Current:
- 1 nA @ 2.0V, typical
• Operating Current:
-8.5
µA @ 32 kHz, 2.0V, typical
-100
µA @ 1 MHz, 2.0V, typical
• Watchdog Timer Current
- 300 nA @ 2.0V, typical
• Timer1 oscillator current:
-4
µA @ 32 kHz, 2.0V, typical
Peripheral Features:
• 12 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
- One analog comparator
- Programmable on-chip comparator voltage
reference (CV
REF) module
- Programmable input multiplexing from device
inputs
- Comparator output is externally accessible
• Analog-to-Digital Converter module (PIC16F676):
- 10-bit resolution
- Programmable 8-channel input
- Voltage reference input
• Timer0: 8-bit timer/counter with 8-bit
programmable prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
- Option to use OSC1 and OSC2 in LP mode
as Timer1 oscillator, if INTOSC mode
selected
• In-Circuit Serial ProgrammingTM (ICSPTM) via
two pins
Device
Program
Memory
Data Memory
I/O
10-bit A/D
(ch)
Comparators
Timers
8/16-bit
FLASH
(words)
SRAM
(bytes)
EEPROM
(bytes)
PIC16F630
1024
64
128
12
–
1
1/1
PIC16F676
1024
64
128
12
8
1
1/1
14-Pin FLASH-Based 8-Bit CMOS Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com