Electronic Components Datasheet Search
  English  ▼

X  

16F630 Datasheet(PDF) 61 Page - Microchip Technology

Part # 16F630
Description  14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F630 Datasheet(HTML) 61 Page - Microchip Technology

Back Button 16F630 Datasheet HTML 57Page - Microchip Technology 16F630 Datasheet HTML 58Page - Microchip Technology 16F630 Datasheet HTML 59Page - Microchip Technology 16F630 Datasheet HTML 60Page - Microchip Technology 16F630 Datasheet HTML 61Page - Microchip Technology 16F630 Datasheet HTML 62Page - Microchip Technology 16F630 Datasheet HTML 63Page - Microchip Technology 16F630 Datasheet HTML 64Page - Microchip Technology 16F630 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 132 page
background image
 2003 Microchip Technology Inc.
DS40039C-page 59
PIC16F630/676
9.3.5
BROWN-OUT DETECT (BOD)
The PIC16F630/676 members have on-chip Brown-out
Detect circuitry. A configuration bit, BODEN, can
disable (if clear/programmed) or enable (if set) the
Brown-out Detect circuitry. If V
DD falls below VBOD for
greater than parameter (T
BOD) in Table 12-4 (see
Section 12.0), the Brown-out situation will reset the
device. This will occur regardless of V
DD slew-rate. A
RESET is not guaranteed to occur if V
DD falls below
V
BOD for less than parameter (TBOD).
On
any
RESET
(Power-on,
Brown-out
Detect,
Watchdog, etc.), the chip will remain in RESET until
V
DD rises above BVDD (see Figure 9-6). The Power-up
Timer will now be invoked, if enabled, and will keep the
chip in RESET an additional 72 ms.
If V
DD drops below BVDD while the Power-up Timer is
running, the chip will go back into a Brown-out Detect
and the Power-up Timer will be re-initialized. Once V
DD
rises above BV
DD, the Power-up Timer will execute a
72 ms RESET.
FIGURE 9-6:
BROWN-OUT SITUATIONS
9.3.6
TIME-OUT SEQUENCE
On power-up, the time-out sequence is as follows: first,
PWRT time-out is invoked after POR has expired.
Then, OST is activated. The total time-out will vary
based on oscillator configuration and PWRTE bit
status. For example, in EC mode with PWRTE bit
erased (PWRT disabled), there will be no time-out at
all. Figure 9-7, Figure 9-8 and Figure 9-9 depict time-
out sequences.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then
bringing MCLR high will begin execution immediately
(see Figure 9-8). This is useful for testing purposes or
to synchronize more than one PIC16F630/676 device
operating in parallel.
Table 9-6 shows the RESET conditions for some
special registers, while Table 9-7 shows the RESET
conditions for all the registers.
9.3.7
POWER CONTROL (PCON) STATUS
REGISTER
The
power
CONTROL/STATUS
register,
PCON
(address 8Eh) has two bits.
Bit0 is BOD (Brown-out). BOD is unknown on Power-
on Reset. It must then be set by the user and checked
on subsequent RESETS to see if BOD = 0, indicating
that a brown-out has occurred. The BOD STATUS bit is
a don’t care and is not necessarily predictable if the
brown-out circuit is disabled (by setting BODEN bit = 0
in the Configuration word).
Bit1 is POR (Power-on Reset). It is a ‘0’ on Power-on
Reset and unaffected otherwise. The user must write a
‘1’ to this bit following a Power-on Reset. On a
subsequent RESET, if POR is ‘0’, it will indicate that a
Power-on Reset must have occurred (i.e., V
DD may
have gone too low).
Note:
A Brown-out Detect does not enable the
Power-up Timer if the PWRTE bit in the
configuration word is set.
72 ms(1)
VBOD
VDD
Internal
RESET
VBOD
VDD
Internal
RESET
72 ms(1)
<72 ms
72 ms(1)
VBOD
VDD
Internal
RESET
Note 1: 72 ms delay only if PWRTE bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com