Electronic Components Datasheet Search
  English  ▼

X  

16F630 Datasheet(PDF) 95 Page - Microchip Technology

Part # 16F630
Description  14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F630 Datasheet(HTML) 95 Page - Microchip Technology

Back Button 16F630 Datasheet HTML 91Page - Microchip Technology 16F630 Datasheet HTML 92Page - Microchip Technology 16F630 Datasheet HTML 93Page - Microchip Technology 16F630 Datasheet HTML 94Page - Microchip Technology 16F630 Datasheet HTML 95Page - Microchip Technology 16F630 Datasheet HTML 96Page - Microchip Technology 16F630 Datasheet HTML 97Page - Microchip Technology 16F630 Datasheet HTML 98Page - Microchip Technology 16F630 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 132 page
background image
 2003 Microchip Technology Inc.
DS40039C-page 93
PIC16F630/676
12.6
DC Characteristics: PIC16F630/676-I (Industrial), PIC16F630/676-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Input Low Voltage
V
IL
I/O ports
D030
with TTL buffer
V
SS
—
0.8
V
4.5V
≤ VDD ≤ 5.5V
D030A
V
SS
—
0.15 V
DD
VOtherwise
D031
with Schmitt Trigger buffer
V
SS
—
0.2 V
DD
V
Entire range
D032
MCLR, OSC1 (RC mode)
V
SS
—
0.2 V
DD
V
D033
OSC1 (XT and LP modes)
V
SS
—
0.3
V
(Note 1)
D033A
OSC1 (HS mode)
V
SS
—
0.3 V
DD
V
(Note 1)
Input High Voltage
V
IH
I/O ports
—
D040
D040A
with TTL buffer
2.0
(0.25 V
DD+0.8)
—
—
V
DD
V
DD
V
V
4.5V
≤ VDD ≤ 5.5V
otherwise
D041
with Schmitt Trigger buffer
0.8 V
DD
—
V
DD
entire range
D042
MCLR
0.8 V
DD
—
V
DD
V
D043
OSC1 (XT and LP modes)
1.6
—
V
DD
V
(Note 1)
D043A
OSC1 (HS mode)
0.7 V
DD
—
V
DD
V
(Note 1)
D043B
OSC1 (RC mode)
0.9 V
DD
—
V
DD
V
D070
I
PUR
PORTA Weak Pull-up
Current
50*
250
400*
µAVDD = 5.0V, VPIN = VSS
Input Leakage Current(3)
D060
I
IL
I/O ports
—
± 0.1
± 1
µAVSS ≤ VPIN ≤ VDD,
Pin at hi-impedance
D060A
Analog inputs
—
± 0.1
± 1
µAVSS ≤ VPIN ≤ VDD
D060B
V
REF
—
± 0.1
± 1
µAVSS ≤ VPIN ≤ VDD
D061
MCLR(2)
—
± 0.1
± 5
µAVSS ≤ VPIN ≤ VDD
D063
OSC1
—
± 0.1
± 5
µAVSS ≤ VPIN ≤ VDD, XT, HS and
LP osc configuration
Output Low Voltage
D080
V
OL
I/O ports
——
0.6
V
I
OL = 8.5 mA, VDD = 4.5V (Ind.)
D083
OSC2/CLKOUT (RC mode)
——
0.6
V
I
OL = 1.6 mA, VDD = 4.5V (Ind.)
I
OL = 1.2 mA, VDD = 4.5V (Ext.)
Output High Voltage
D090
V
OH
I/O ports
V
DD - 0.7
——
VI
OH = -3.0 mA, VDD = 4.5V (Ind.)
D092
OSC2/CLKOUT (RC mode)
V
DD - 0.7
——
VI
OH = -1.3 mA, VDD = 4.5V (Ind.)
I
OH = -1.0 mA, VDD = 4.5V (Ext.)
*
These parameters are characterized but not tested.
† Data in ‘Typ’ column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use
an external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com