Electronic Components Datasheet Search
  English  ▼

X  

16F630 Datasheet(PDF) 94 Page - Microchip Technology

Part # 16F630
Description  14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F630 Datasheet(HTML) 94 Page - Microchip Technology

Back Button 16F630 Datasheet HTML 90Page - Microchip Technology 16F630 Datasheet HTML 91Page - Microchip Technology 16F630 Datasheet HTML 92Page - Microchip Technology 16F630 Datasheet HTML 93Page - Microchip Technology 16F630 Datasheet HTML 94Page - Microchip Technology 16F630 Datasheet HTML 95Page - Microchip Technology 16F630 Datasheet HTML 96Page - Microchip Technology 16F630 Datasheet HTML 97Page - Microchip Technology 16F630 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 132 page
background image
PIC16F630/676
DS40039C-page 92
 2003 Microchip Technology Inc.
12.5
DC Characteristics: PIC16F630/676-E (Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ TA ≤ +125°C for extended
Param
No.
Device Characteristics
Min
Typ†
Max
Units
Conditions
V
DD
Note
D020E
Power-down Base Current
(I
PD)
—
0.00099
3.5
µA
2.0
WDT, BOD, Comparators, V
REF,
and T1OSC disabled
—
0.0012
4.0
µA3.0
—
0.0029
8.0
µA5.0
D021E
—
0.3
6.0
µA2.0
WDT Current(1)
—1.8
9.0
µA3.0
—8.4
20
µA5.0
D022E
—
58
70
µA
3.0
BOD Current(1)
—
109
130
µA5.0
D023E
—
3.3
10
µA
2.0
Comparator Current(1)
—6.1
13
µA3.0
—
11.5
24
µA5.0
D024E
—
58
70
µA2.0
CV
REF Current(1)
—85
100
µA3.0
—
138
165
µA5.0
D025E
—
4.0
10
µA
2.0
T1 O
SC Current(1)
—4.6
12
µA3.0
—6.0
20
µA5.0
D026E
—
0.0012
6.0
µA
3.0
A/D Current(1)
—
0.0022
8.5
µA5.0
† Data in ‘Typ’ column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: The peripheral current is the sum of the base I
DD or IPD and the additional current consumed when this
peripheral is enabled. The peripheral
∆ current can be determined by subtracting the base IDD or IPD
current from this limit. Max values should be used when calculating total current consumption.
2: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to V
DD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com