Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 218 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 218 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 214Page - PMC-Sierra, Inc PM5347 Datasheet HTML 215Page - PMC-Sierra, Inc PM5347 Datasheet HTML 216Page - PMC-Sierra, Inc PM5347 Datasheet HTML 217Page - PMC-Sierra, Inc PM5347 Datasheet HTML 218Page - PMC-Sierra, Inc PM5347 Datasheet HTML 219Page - PMC-Sierra, Inc PM5347 Datasheet HTML 220Page - PMC-Sierra, Inc PM5347 Datasheet HTML 221Page - PMC-Sierra, Inc PM5347 Datasheet HTML 222Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
202
Register 0x70: BERM Control
Bit
Type
Function
Default
Bit 7
R/W
BERTEN
0
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
R/W
BERE
0
This register controls the automatic bit error rate alarm circuitry.
BERE:
The BERE bit is the interrupt enable for bit error rate threshold events. When
BERE is a logic one, an interrupt is generated when the bit error rate
threshold is exceeded.
BERTEN:
The BERTEN bit enables and disables automatic monitoring of line bit error
rate threshold events. When BERTEN is a logic one, the S/UNI-PLUS
continuously accumulates line BIP errors over a period defined in the BERM
Line BIP Accumulation Period registers. If at any point the accumulated count
exceeds the value defined in the BERM Line BIP Threshold registers, a bit
error rate threshold event is generated. Both the BERM Line BIP
Accumulation Period and BERM Line BIP Threshold registers should be set
up before the monitoring is enabled. When BERTEN is a logic zero, the BIP
accumulation logic is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com