Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 256 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 256 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 252Page - PMC-Sierra, Inc PM5347 Datasheet HTML 253Page - PMC-Sierra, Inc PM5347 Datasheet HTML 254Page - PMC-Sierra, Inc PM5347 Datasheet HTML 255Page - PMC-Sierra, Inc PM5347 Datasheet HTML 256Page - PMC-Sierra, Inc PM5347 Datasheet HTML 257Page - PMC-Sierra, Inc PM5347 Datasheet HTML 258Page - PMC-Sierra, Inc PM5347 Datasheet HTML 259Page - PMC-Sierra, Inc PM5347 Datasheet HTML 260Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
240
13
FUNCTIONAL TIMING
13.1
Overhead Access
Figure 22
- Transport Overhead Extraction
RTOHFP
A1 byte
A2 byte
A2 byte
A1 byte
A1 byte
E2 byte
E2 byte
RTOHCLK
RTOH
B7
RTOHCLK
A1 byte
A1 byte
••••
••••
B8
B2 B3 B4 B5 B6 B7
B1
B1 B2 B3 B4 B5 B6 B7 B8
••••
RTOHFP
B8
The Transport Overhead Extraction timing diagram (Figure 22) illustrates the
transport overhead extraction interface. The transport overhead extraction clock,
RTOHCLK is nominally a 5.184 MHz (1.728 MHz for an STS-1 stream) clock
and is derived from the recovered line clock, GROCLK. The entire 9 row by 9 (or
3) column transport overhead structure is extracted and serialized on RTOH over
a frame period (125 µs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com