Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 258 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 258 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 254Page - PMC-Sierra, Inc PM5347 Datasheet HTML 255Page - PMC-Sierra, Inc PM5347 Datasheet HTML 256Page - PMC-Sierra, Inc PM5347 Datasheet HTML 257Page - PMC-Sierra, Inc PM5347 Datasheet HTML 258Page - PMC-Sierra, Inc PM5347 Datasheet HTML 259Page - PMC-Sierra, Inc PM5347 Datasheet HTML 260Page - PMC-Sierra, Inc PM5347 Datasheet HTML 261Page - PMC-Sierra, Inc PM5347 Datasheet HTML 262Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
242
Figure 24
- Transport Overhead Data Link Clock and Data Extraction
RLDCLK
approx. 2 MHz DLCLK bursts
RLDCLK
RLD
B2
B1
B3 B4 B5 B6 B7 B8
B2
B1
B3 B4 B5 B6 B7 B8
B2
B1
B3 B4 B5 B6 B7 B8
RLD
RSDCLK
B1
RSD
B2 B3 B4 B5 B6 B7 B8 B1 B2 B3 B4 B5 B6 B7 B8 B1 B2 B3 B4 B5 B6 B7 B8
125 µs
The Transport Overhead Data Link Clock and Data Extraction timing diagram
(Figure 24) shows the relationship between the RSD, and RLD serial data
outputs, and their associated clocks, RSDCLK and RLDCLK. RSDCLK is a 216
kHz, 50% duty cycle clock that is gapped to produce a 192 kHz nominal rate.
RLDCLK is a 2.16 MHz, 67%(high)/33%(low) duty cycle clock that is gapped to
produce a 576 kHz nominal rate. RSD (RLD) is updated on the falling RSDCLK
(RLDCLK) edge. The D1-D3, and D4-D12 bytes shifted out of the S/UNI-PLUS
in the frame shown are extracted from the corresponding receive line overhead
channels in the previous frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com