Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 261 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 261 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 257Page - PMC-Sierra, Inc PM5347 Datasheet HTML 258Page - PMC-Sierra, Inc PM5347 Datasheet HTML 259Page - PMC-Sierra, Inc PM5347 Datasheet HTML 260Page - PMC-Sierra, Inc PM5347 Datasheet HTML 261Page - PMC-Sierra, Inc PM5347 Datasheet HTML 262Page - PMC-Sierra, Inc PM5347 Datasheet HTML 263Page - PMC-Sierra, Inc PM5347 Datasheet HTML 264Page - PMC-Sierra, Inc PM5347 Datasheet HTML 265Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
245
transmit stream (TTOHEN must be sampled high during the first bit position to
enable the error insertion mask).
Figure 27
- Transport Overhead Orderwire and User Channel Insertion
TOWCLK
TOHFP
E1, F1, E2
B1
B2
B3
B5
B6
B7
B8
TSOW
TSUC
TLOW
B4
TOHFP
TOWCLK
approx 750 ns
The Transport Overhead Orderwire and User Channel Insertion diagram (Figure
27) shows the relationship between the TSOW, TLOW and TSUC serial data
inputs and their associated clock TOWCLK. TOWCLK is a 72 kHz 50% duty
cycle clock that is gapped to produce a 64 kHz nominal rate and is aligned as
shown in the timing diagram. The E1, E2 and F1 bytes shifted into the S/UNI-
PLUS on TSOW, TLOW and TSUC in the frame shown are inserted in the
corresponding transport overhead channels in the next frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com