Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 262 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 262 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 258Page - PMC-Sierra, Inc PM5347 Datasheet HTML 259Page - PMC-Sierra, Inc PM5347 Datasheet HTML 260Page - PMC-Sierra, Inc PM5347 Datasheet HTML 261Page - PMC-Sierra, Inc PM5347 Datasheet HTML 262Page - PMC-Sierra, Inc PM5347 Datasheet HTML 263Page - PMC-Sierra, Inc PM5347 Datasheet HTML 264Page - PMC-Sierra, Inc PM5347 Datasheet HTML 265Page - PMC-Sierra, Inc PM5347 Datasheet HTML 266Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
246
Figure 28
- Transport Overhead Data Link Clock and Data Insertion
TLDCLK
approx. 2 MHz DLCLK bursts
TLDCLK
TLD
B2
B1
B3 B4 B5 B6 B7 B8
B2
B1
B3 B4 B5 B6 B7 B8
B2
B1
B3 B4 B5 B6 B7 B8
TLD
TSDCLK
B1
TSD
B2 B3 B4 B5 B6 B7 B8 B1 B2 B3 B4 B5 B6 B7 B8 B1 B2 B3 B4 B5 B6 B7 B8
125 µs
The Transport Overhead Data Link Clock and Data Insertion timing diagram
(Figure 28) shows the relationship between the TSD, and TLD serial data inputs,
and their associated clocks, TSDCLK and TLDCLK respectively. TSDCLK is a
216 kHz, 50% duty cycle clock that is gapped to produce a 192 kHz nominal
rate. TLDCLK is a 2.16 MHz, 67%(high)/33%(low) duty cycle clock that is
gapped to produce a 576 kHz nominal rate. TSD (TLD) is sampled on the rising
TSDCLK (TLDCLK) edge. The D1-D3, and D4-D12 bytes shifted into the S/UNI-
PLUS in the frame shown are inserted in the corresponding transport overhead
channels in the following frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com