Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 265 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 265 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 261Page - PMC-Sierra, Inc PM5347 Datasheet HTML 262Page - PMC-Sierra, Inc PM5347 Datasheet HTML 263Page - PMC-Sierra, Inc PM5347 Datasheet HTML 264Page - PMC-Sierra, Inc PM5347 Datasheet HTML 265Page - PMC-Sierra, Inc PM5347 Datasheet HTML 266Page - PMC-Sierra, Inc PM5347 Datasheet HTML 267Page - PMC-Sierra, Inc PM5347 Datasheet HTML 268Page - PMC-Sierra, Inc PM5347 Datasheet HTML 269Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
249
The GFC Insertion Port Diagram (Figure 31) illustrates the relationship between
the transmit cell pulse, TCP output and the transmit generic flow control, TGFC
input. The MSB (GFC[3]) of the four bit GFC code on the TGFC input is identified
using the TCP output. The S/UNI-PLUS accumulates the code and transmits the
code in the next transmit cell. If the next transmit cell is an idle/unassigned cell,
the GFC code provided in the Idle/Unassigned Cell Header Pattern register is
overwritten. If the next transmit cell is read from the FIFO, the GFC code passed
through the FIFO is overwritten.
13.3
Drop Side Receive Interface
Figure 32
- Receive Synchronous FIFO, TSEN=0
RDAT[15:0]
••••
W(n)
W(n-2)
RCA
••••
RXPRTY[1:0]
••••
W(n-3)
W(n-4)
W(n-5)
W(n-1)
RFCLK
••••
RRDENB
••••
W2
W1
XX
XX
RSOC
••••
RCALEVEL=0
Read Ignored
The Receive Synchronous FIFO Timing, TSEN=0 Diagram (Figure 32) illustrates
the operation of the drop side receive interface with tristating disabled. The
S/UNI-PLUS indicates a cell is available by asserting the receive cell available
output, RCA. RCA remains high until the receive FIFO is near empty (four words
remaining), empty or if an error condition is detected. Selection of empty and
near empty is made using the RCALEVEL0 bit in the RACP Interrupt
Enable/Control register. For the near empty option, RCA transitions low four
words before the last word of the last cell is read from the FIFO. RCA remains
low for a minimum of one RFCLK clock cycle and then can transition high to
indicate that there are additional cells available in the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com