Electronic Components Datasheet Search
  English  ▼

X  

PM5347 Datasheet(PDF) 267 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 267 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 263Page - PMC-Sierra, Inc PM5347 Datasheet HTML 264Page - PMC-Sierra, Inc PM5347 Datasheet HTML 265Page - PMC-Sierra, Inc PM5347 Datasheet HTML 266Page - PMC-Sierra, Inc PM5347 Datasheet HTML 267Page - PMC-Sierra, Inc PM5347 Datasheet HTML 268Page - PMC-Sierra, Inc PM5347 Datasheet HTML 269Page - PMC-Sierra, Inc PM5347 Datasheet HTML 270Page - PMC-Sierra, Inc PM5347 Datasheet HTML 271Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
251
The Transmit Synchronous FIFO Timing Diagram (Figure 34) illustrates the
operation of the drop side transmit interface. The S/UNI-PLUS indicates that
there is space available in the transmit FIFO by asserting the transmit cell
available output, TCA. TCA remains high until the transmit FIFO is almost full,
full or if an error condition is detected. Almost full implies that the transmit FIFO
can accept at most an additional four writes. Selection between almost full and
full is made using the TACP FIFO Control register. If TCA is asserted high and
the downstream is ready to write a word, the downstream device should assert
TWRENB low. At anytime, if the downstream does not have a word to write, it
can deassert TWRENB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com